Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP50R12KE3 Datasheet(PDF) 6 Page - eupec GmbH

Part # FP50R12KE3
Description  Elektrische Eigenschaften / Electrical properties
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FP50R12KE3 Datasheet(HTML) 6 Page - eupec GmbH

Back Button FP50R12KE3 Datasheet HTML 2Page - eupec GmbH FP50R12KE3 Datasheet HTML 3Page - eupec GmbH FP50R12KE3 Datasheet HTML 4Page - eupec GmbH FP50R12KE3 Datasheet HTML 5Page - eupec GmbH FP50R12KE3 Datasheet HTML 6Page - eupec GmbH FP50R12KE3 Datasheet HTML 7Page - eupec GmbH FP50R12KE3 Datasheet HTML 8Page - eupec GmbH FP50R12KE3 Datasheet HTML 9Page - eupec GmbH FP50R12KE3 Datasheet HTML 10Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
FP50R12KE3
Vorläufige Daten
Preliminary data
VGE [V]
VF [V]
Durchlaßkennlinie der Freilaufdiode Wechselr. (typisch)
IF = f (VF)
Forward characteristic of FWD Inverter (typical)
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
Tj=25°C
Tj=125°C
Übertragungscharakteristik Wechselr. (typisch)
IC = f (VGE)
Transfer characteristic Inverter (typical)
VCE = 20 V
0
10
20
30
40
50
60
70
80
90
100
0
0,5
1
1,5
2
2,5
3
Tj = 25°C
Tj = 125°C
6(11)
DB-PIM-IGBT3_1.xls


Similar Part No. - FP50R12KE3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP50R12KE3 INFINEON-FP50R12KE3 Datasheet
571Kb / 11P
   IGBT-Module
2013-10-02 revision:3.1
More results

Similar Description - FP50R12KE3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
56DN06B01 INFINEON-56DN06B01 Datasheet
231Kb / 8P
   Elektrische Eigenschaften / Electrical properties
2013-08-07 Revision: 3.1
logo
eupec GmbH
BSM30GP60 EUPEC-BSM30GP60 Datasheet
134Kb / 12P
   Elektrische Eigenschaften / Electrical properties
logo
List of Unclassifed Man...
FP15R06KL4 ETC1-FP15R06KL4 Datasheet
202Kb / 12P
   Elektrische Eigenschaften / Electrical properties
FP10R06KL4 ETC1-FP10R06KL4 Datasheet
208Kb / 12P
   Elektrische Eigenschaften / Electrical properties
logo
eupec GmbH
FP75R12KE3 EUPEC-FP75R12KE3 Datasheet
211Kb / 11P
   Elektrische Eigenschaften / Electrical properties
logo
Infineon Technologies A...
BSM15GP60 INFINEON-BSM15GP60 Datasheet
164Kb / 13P
   Elektrische Eigenschaften / Electrical properties
17.09.1999
logo
World Produts Inc.
WPANTDP031 WPI-WPANTDP031 Datasheet
266Kb / 1P
   Electrical Properties
WPANTDP032 WPI-WPANTDP032 Datasheet
279Kb / 1P
   Electrical Properties
WPANTDP033 WPI-WPANTDP033 Datasheet
119Kb / 1P
   Electrical Properties
logo
Shanghai Leiditech Elec...
SMD1812P500TF-6 LEIDITECH-SMD1812P500TF-6 Datasheet
1Mb / 4P
   Electrical Properties
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com