Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1702U-KE6 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1702U-KE6
Description  BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1702U-KE6 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  PCM1702U-KE6 Datasheet HTML 1Page - Burr-Brown (TI) PCM1702U-KE6 Datasheet HTML 2Page - Burr-Brown (TI) PCM1702U-KE6 Datasheet HTML 3Page - Burr-Brown (TI) PCM1702U-KE6 Datasheet HTML 4Page - Burr-Brown (TI) PCM1702U-KE6 Datasheet HTML 5Page - Burr-Brown (TI) PCM1702U-KE6 Datasheet HTML 6Page - Burr-Brown (TI) PCM1702U-KE6 Datasheet HTML 7Page - Burr-Brown (TI) PCM1702U-KE6 Datasheet HTML 8Page - Burr-Brown (TI) PCM1702U-KE6 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
®
PCM1702
TYPICAL PERFORMANCE CURVES
All specifications at 25
°C, ±V
A and ±VD = ±5.0V unless otherwise noted.
THD+N vs FREQUENCY
–40
–60
–100
–120
–80
20
100
1k
10k
Output Frequency (Hz)
–60dB
–40dB
–20dB
0dB
16-BIT LEVEL LINEARITY
(Dithered Fade-to-Noise)
8
6
4
2
0
–2
–4
–6
–8
–120
Output Signal Level (dB)
–110
–100
–90
–80
–70
–60
16-BIT MONOTONICITY
8.83ms/div
1.5
1
0.5
0
–0.5
–1
–1.5
–90dB SIGNAL SPECTRUM
(100Hz Bandwidth)
–80
–100
–120
–140
–160
0
4k
8k
12k
16k
20k
Frequency (Hz)
–90dB SIGNAL
(10Hz to 20kHz Bandwidth)
200
100
0
–100
–200
0
400
800
1200
1600
2000
Time (µs)
–110dB SIGNAL
(10Hz to 20kHz Bandwidth)
40
20
0
–20
–40
0
400
800
1200
1600
2000
Time (µs)


Similar Part No. - PCM1702U-KE6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1702U-KE6 TI1-PCM1702U-KE6 Datasheet
127Kb / 11P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1702U-KE6

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P Datasheet
129Kb / 8P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1704U-2K TI-PCM1704U-2K Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1704 BURR-BROWN-PCM1704 Datasheet
229Kb / 9P
   24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM67P BURR-BROWN-PCM67P Datasheet
95Kb / 13P
   Advanced 1-Bit BiCMOS Dual 18-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
National Semiconductor ...
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
logo
Texas Instruments
AD7524M TI-AD7524M Datasheet
253Kb / 12P
[Old version datasheet]   Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com