Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1582 Datasheet(PDF) 42 Page - Gennum Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1582 Datasheet(HTML) 42 Page - Gennum Corporation

Back Button GS1582 Datasheet HTML 38Page - Gennum Corporation GS1582 Datasheet HTML 39Page - Gennum Corporation GS1582 Datasheet HTML 40Page - Gennum Corporation GS1582 Datasheet HTML 41Page - Gennum Corporation GS1582 Datasheet HTML 42Page - Gennum Corporation GS1582 Datasheet HTML 43Page - Gennum Corporation GS1582 Datasheet HTML 44Page - Gennum Corporation GS1582 Datasheet HTML 45Page - Gennum Corporation GS1582 Datasheet HTML 46Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 114 page
background image
GS1582 Data Sheet
40117 - 1 November 2007
42 of 114
4.7.8 Audio Data Packets
4.7.8.1 SD Formats
Figure 4-12 shows the structure of the SD audio data packet as defined in SMPTE
272M. Table 4-5 lists the descriptions of the audio data packet words. The audio
core automatically generates certain audio data packet words, as shown in
Table 4-5.
Figure 4-12: SD Audio Data Packet Structure
Figure 4-13 shows the structure of the extended audio data packets as defined in
SMPTE 272M. Table 4-6 lists the descriptions of the extended audio data packet
words. The audio core automatically generates certain audio data packet words.
The extended audio data packet is embedded immediately after the audio data
packet with same group DID.
Audio Sample Words
X
X+1 X+2
X X+1 X+2
X
X+1 X+2
X
X+1 X+2
X
X+1 X+2
X
X+1 X+2
Table 4-5: Audio Data Packet Word Descriptions
Name
No. of
Words
Description
Data
Auto-Generation
ADF
3
Ancillary Data Flag
000h
3FFh
3FFh
Yes
DID
1
Audio Group Data ID
2FFh
1FDh
1FBh
2F9h
See Table 4-10
DBN
1
Data Block Number
Repeat 1-255
Yes
DC
1
Data Count
Yes
CH1
4
Channel 1 ancillary data words
CH2
4
Channel 2 ancillary data words
CH3
4
Channel 3 ancillary data words
CH4
4
Channel 4 ancillary data words
CS
1
Checksum
Yes


Similar Part No. - GS1582

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
More results

Similar Description - GS1582

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com