Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1582 Datasheet(PDF) 26 Page - Gennum Corporation

Part # GS1582
Description  Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1582 Datasheet(HTML) 26 Page - Gennum Corporation

Back Button GS1582 Datasheet HTML 22Page - Gennum Corporation GS1582 Datasheet HTML 23Page - Gennum Corporation GS1582 Datasheet HTML 24Page - Gennum Corporation GS1582 Datasheet HTML 25Page - Gennum Corporation GS1582 Datasheet HTML 26Page - Gennum Corporation GS1582 Datasheet HTML 27Page - Gennum Corporation GS1582 Datasheet HTML 28Page - Gennum Corporation GS1582 Datasheet HTML 29Page - Gennum Corporation GS1582 Datasheet HTML 30Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 114 page
background image
GS1582 Data Sheet
40117 - 1 November 2007
26 of 114
4.2 Parallel Data Inputs
Data is clocked into the device on the rising edge of PCLK as shown in Figure 4-1.
The input data format is defined by the setting of the external SD/HD,
SMPTE_BYPASS, and DVB_ASI pins and may be presented in 10-bit or 20-bit
format. The input data bus width is controlled by the 20bit/10bit input pin.
Figure 4-1: PCLK to Data Timing
4.2.1 Parallel Input in SMPTE Mode
When the device is operating in SMPTE mode, see SMPTE Mode on page 28, both
SD and HD data may be presented to the input bus in either multiplexed or
demultiplexed form depending on the setting of the 20bit/10bit input pin.
In 20-bit mode, (20bit/10bit = HIGH), the input data format should be word aligned,
demultiplexed luma and chroma data. Luma words should be presented on
DIN[19:10] while chroma words should be presented on DIN[9:0].
In 10-bit mode, (20bit/10bit = LOW), the input data format should be word aligned,
multiplexed luma and chroma data. The data should be presented on DIN[19:10].
DIN[9:0] will be high impedance in this mode.
4.2.2 Parallel Input in DVB-ASI Mode
When operating in DVB-ASI mode, see DVB-ASI mode on page 34, the GS1582
must be set to 10-bit operation mode by setting the 20bit/10bit pin LOW.
The device will accept 8-bit data words on DIN[17:10]. DIN17 = HIN is the most
significant bit of the encoded transport stream data and DIN10 = AIN is the least
significant bit.
In addition, DIN19 and DIN18 will be configured as the DVB-ASI control signals
INSSYNCIN and KIN respectively. See DVB-ASI mode on page 34 for a
description of these DVB-ASI specific input signals.
DIN[9:0] will have a Logic Level HIGH in DVB-ASI mode.
PCLK
DIN[19:0]
DATA
Control signal
input
tSU
tIH


Similar Part No. - GS1582

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
More results

Similar Description - GS1582

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1531 GENNUM-GS1531_08 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com