Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC6W201 Datasheet(PDF) 3 Page - SMSC Corporation

Part # EMC6W201
Description  Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6W201 Datasheet(HTML) 3 Page - SMSC Corporation

  EMC6W201 Datasheet HTML 1Page - SMSC Corporation EMC6W201 Datasheet HTML 2Page - SMSC Corporation EMC6W201 Datasheet HTML 3Page - SMSC Corporation EMC6W201 Datasheet HTML 4Page - SMSC Corporation EMC6W201 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-
Processor Systems
SMSC EMC6W201
3
Revision 0.3 (03-01-07)
PRODUCT PREVIEW
General Description
The EMC6W201 is an environmental monitoring device with automatic fan control capability and
enhanced system acoustics for noise suppression. This ACPI compliant device provides hardware
monitoring for up to six voltages (including its own VCC) and five external thermal sensors, measures
the speed of up to five fans, and controls the speed of multiple DC fans using three Pulse Width
Modulator (PWM) outputs. Note that it is possible to control more than three fans by connecting two
fans to one PWM output. The EMC6W201 will be available in a 36-pin QFN, lead-free RoHS Compliant
package.
The EMC6W201 includes support for monitoring six thermal sensors: five external and one internal.
The external temperatures are measured via thermal diode inputs capable of monitoring remote
devices. In addition, it is equipped with an ambient temperature sensor for measuring the internal
temperature.
The EMC6W201 hardware monitor provides analog inputs for monitoring external voltages of +1.5V,
+2.5V, +5V, and two Vccp voltages. This device has the capability to monitor its own internal VCC
power supply, which may be connected to either main power (VCC) or the suspend power well (VTR).
External components are not required for voltage scaling or similar treatment.
Pulse Width Modulators (PWM) will control the speed of the fans by varying the output duty cycle of
the PWM. The Ramp Rate Control feature controls the rate of change of the PWM output, thereby
reducing system noise created by changing the fan speed. The speed of each fan is monitored by a
Fan Tachometer input. The measured values are compared to values stored in Limit Registers to
detect if a fan has stalled or seized.
Fan speed may be under host software control or automatic. In host control mode, the host software
continuously monitors temperature and fan speed registers, makes decisions as to desired fan speed
and sets each PWM to drive the required fan speed. The PWM frequency is adjustable up to 30kHz.
The EMC6W201 device offers an interrupt output signal (INT#), which may be used to interrupt the
host on out-of-limit temperature or voltage condition enabling an ACPI response as opposed to the
host software continuously monitoring status.
In auto “zone” mode, the EMC6W201 logic continuously monitors the temperature and fan speeds and
adjusts speeds without intervention from the host CPU. Fan speed is adjusted according to an
algorithm using the temperature measured in the selected zone, the high and low limits set by the user,
and the current fan speed. The part can automatically adjust its operation based on its environment
for improved acoustic behavior.
Overview
The EMC6W201 device is an intelligent fan control system with reduced overall acoustic noise
features. The EMC6W201 monitors voltages, external temperatures, and fan speeds. It uses this
monitoring capability to alert the system to out of limit conditions and can automatically control the
speeds of multiple fans.


Similar Part No. - EMC6W201

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6W201-AEZG SMSC-EMC6W201-AEZG Datasheet
406Kb / 5P
   Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
EMC6W201DB SMSC-EMC6W201DB Datasheet
406Kb / 5P
   Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
More results

Similar Description - EMC6W201

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6W201DB SMSC-EMC6W201DB Datasheet
406Kb / 5P
   Auto Fan Device with Piecewise Linear Control, Temperature Monitoring & Voltage Monitoring for Multi-Processor Systems
EMC2101 SMSC-EMC2101_09 Datasheet
1Mb / 57P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC2101 SMSC-EMC2101 Datasheet
1Mb / 55P
   SMBus Fan Control with 1째C Accurate Temperature Monitoring
EMC6D100 SMSC-EMC6D100 Datasheet
597Kb / 75P
   ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
logo
Maxim Integrated Produc...
MAX78630 MAXIM-MAX78630 Datasheet
900Kb / 77P
   Energy Measurement Processor for Polyphase Monitoring Systems
Rev 3; 8/14
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
   Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102_06 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
logo
Maxim Integrated Produc...
MAX78615 MAXIM-MAX78615 Datasheet
844Kb / 46P
   Isolated Energy Measurement Processor for Polyphase Monitoring Systems
19-7541; Rev 0; 3/15
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102_07 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com