Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP102 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DSP102
Description  DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSP102 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DSP102 Datasheet HTML 3Page - Burr-Brown (TI) DSP102 Datasheet HTML 4Page - Burr-Brown (TI) DSP102 Datasheet HTML 5Page - Burr-Brown (TI) DSP102 Datasheet HTML 6Page - Burr-Brown (TI) DSP102 Datasheet HTML 7Page - Burr-Brown (TI) DSP102 Datasheet HTML 8Page - Burr-Brown (TI) DSP102 Datasheet HTML 9Page - Burr-Brown (TI) DSP102 Datasheet HTML 10Page - Burr-Brown (TI) DSP102 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
DSP101, 102
SBAS003A
–55 –40 –25
0
25
70
85
125
Ambient Temperature (°C)
DYNAMIC PERFORMANCE vs TEMPERATURE
(Data Analysis Over Full 0 to 100kHz Band)
75
80
85
90
95
–75
–80
–85
–90
–95
–100
100
f
IN = 1kHz, ±2.75V
SINAD
THD
SFDR
SNR
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VA+ = VD+ = +5V, VA– = VD– = –5V, Sampling Frequency fS = 200kHz; External Clock Input at OSC1 = 80fS = 16MHz, XCLK = 40fS = 8MHz; Using
2048 Point FFT; Data analysis limited to 0 to 20kHz band; Unless otherwise specified.
000E
Output Code and Equivalent Voltage
(Binned at 16-bit level)
HISTOGRAM OF 5k CONVERSION RESULTS ON DSP102
(Both Inputs Grounded)
2500
2000
1500
1000
500
0
Channel A
Channel B
1.17mV
0000
0V
FFF7
FFF1
–1.26mV
Code
Voltage
70
75
80
85
90
95
–70
–75
–80
–85
–90
–95
100
–100
30
0
60
90
120
150
180
Conversion Rate (kHz)
DYNAMIC PERFORMANCE vs CONVERSION RATE
(Data Analysis over Full 0 to f
S/2 Band,
OSC1 = 12.288MHz, XCLK = 3.072MHz)
SINAD
SNR
THD
SFDR
f
IN = 1kHz, ±2.75V (0dB)
–60
–70
–80
–90
1
10
100
1000
Input Frequency (kHz)
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
–100
±2.75V Input (0dB)
–55 –40 –25
0
25
70
85
125
Ambient Temperature (°C)
DYNAMIC PERFORMANCE vs TEMPERATURE
(f
S = 180kHz Asychronous to 12.288MHz
Crystal Between OSC1 and OSC2)
70
75
80
85
90
95
–70
–75
–80
–85
–90
–95
–100
100
Ambient Temperature (°C)
f
IN = 1kHz, ±2.75V
THD
SFDR
SNR
SINAD
100
90
80
70
60
50
40
30
20
10
0.1
1
10
100
Input Frequency (kHz)
SINAD vs INPUT FREQUENCY
(Data Analysis over Full 0 to 100kHz Band)
0
±2.75V Input (0dB)
±0.275V Input (–20dB)
±2.75mV Input (–60dB)


Similar Part No. - DSP102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP102JP BURR-BROWN-DSP102JP Datasheet
252Kb / 22P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
DSP102KP BURR-BROWN-DSP102KP Datasheet
252Kb / 22P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - DSP102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP101 BURR-BROWN-DSP101 Datasheet
252Kb / 22P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
DSP201 BURR-BROWN-DSP201 Datasheet
106Kb / 19P
   DSP-Compatible Single/Dual DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com