Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AME8841 Datasheet(PDF) 1 Page - Analog Microelectronics

Part No. AME8841
Description  600mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8841 Datasheet(HTML) 1 Page - Analog Microelectronics

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AME, Inc.
1
AME8841
600mA CMOS LDO
n Typical Application
n Functional Block Diagram
l Very Low Dropout Voltage
l Guaranteed 600mA Output
l Accurate to within 1.5%
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Power-Saving Shutdown Mode
l Space-Saving SO-8 Package
l Many fixed output voltages available
l Low Temperature Coefficient
The AME8841 linear regulator features low quiescent
current (30
µA typ.) with low dropout voltage, making it
ideal for battery applications. The space-saving SO-8
package is attractive for "Pocket? and "Hand Held" appli-
cations.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" of operating conditions.
The AME8841 is stable with an output capacitance of
2.2
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Electronic Scales
n General Description
n Features
n Applications
AMP
GND
OUT
IN
R1
R2
V
ref =1.215V
Overcurrent
Shutdown
Thermal
Shutdown
EN
AME8841
OUT
IN
C2
2.2
µF
C1
1
µF
GND
OUT
5V
EN
IN
l All AME's Lead Free Products Meet RoHS
Standards


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AME8806_06600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
AME8807_07600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
AME8850600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
NCP583_07Ultra−Low Iq 150 mA CMOS LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
SP2524Low ESR Cap. & Low Power High-speed CMOS LDO With CE Pin 1 2 3 4 5 MoreSYNC POWER Crop.
RT9198300mA Low Noise Ultra-Fast CMOS LDO Regulator 1 2 3 4 5 MoreRichtek Technology Corporation
SP2525Low ESR Cap. & Low Power High-speed CMOS LDO 1 2 3 4 5 MoreSYNC POWER Crop.
TC1306_07Dual 150mA CMOS LDO With Select Mode™ Operation Shutdown and RESET Output 1 2 3 4 5 MoreMicrochip Technology
NCP699150 mA CMOS Low Iq LDO with Enable in TSOP−5 1 2 3 4 5 MoreON Semiconductor
AP139300mA LOW-NOISE CMOS LDO 1 2 3 4 5 MoreDiodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn