Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AME8841 Datasheet(PDF) 6 Page - Analog Microelectronics

Part No. AME8841
Description  600mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AME [Analog Microelectronics]
Homepage  http://www.ame.com.tw/
Logo 

AME8841 Datasheet(HTML) 6 Page - Analog Microelectronics

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AME, Inc.
6
600mA CMOS LDO
AME8841
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B:2000V~3999V
Parameter
Maximum
Unit
Input Voltage
8
V
Output Current
PD / (VIN - VO)
A
Input, Output Voltage
GND - 0.3 to VIN + 0.3
V
ESD Classification
B*
* MIL-STD-202G 210F
Parameter
Maximum
Unit
Maximum Junction Temperature
150
o C
Solder Iron(10 Sec)*
350
o C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AME8806_06600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
AME8807_07600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
AME8850600mA CMOS LDO 1 2 3 4 5 MoreAnalog Microelectronics
NCP583_07Ultra−Low Iq 150 mA CMOS LDO Regulator with Enable 1 2 3 4 5 MoreON Semiconductor
SP2524Low ESR Cap. & Low Power High-speed CMOS LDO With CE Pin 1 2 3 4 5 MoreSYNC POWER Crop.
RT9198300mA Low Noise Ultra-Fast CMOS LDO Regulator 1 2 3 4 5 MoreRichtek Technology Corporation
SP2525Low ESR Cap. & Low Power High-speed CMOS LDO 1 2 3 4 5 MoreSYNC POWER Crop.
TC1306_07Dual 150mA CMOS LDO With Select Mode™ Operation Shutdown and RESET Output 1 2 3 4 5 MoreMicrochip Technology
NCP699150 mA CMOS Low Iq LDO with Enable in TSOP−5 1 2 3 4 5 MoreON Semiconductor
AP139300mA LOW-NOISE CMOS LDO 1 2 3 4 5 MoreDiodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn