Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVQ299 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVQ299
Description  8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ299 Datasheet(HTML) 1 Page - STMicroelectronics

  74LVQ299 Datasheet HTML 1Page - STMicroelectronics 74LVQ299 Datasheet HTML 2Page - STMicroelectronics 74LVQ299 Datasheet HTML 3Page - STMicroelectronics 74LVQ299 Datasheet HTML 4Page - STMicroelectronics 74LVQ299 Datasheet HTML 5Page - STMicroelectronics 74LVQ299 Datasheet HTML 6Page - STMicroelectronics 74LVQ299 Datasheet HTML 7Page - STMicroelectronics 74LVQ299 Datasheet HTML 8Page - STMicroelectronics 74LVQ299 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
July 2004
s
HIGH SPEED:
tPD = 8.3 ns (TYP.) at VCC = 3.3 V
s
COMPATIBLE WITH TTL OUTPUTS
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
LOW NOISE:
VOLP = 0.5V (TYP.) at VCC = 3.3V
s
75
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 12mA (MIN) at VCC = 3.0 V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 299
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LVQ299 is a low voltage CMOS 8 BIT
PIPO SHIFT REGISTER (3-STATE) fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology. It is ideal for low
power and low noise 3.3V applications.
These devices have four modes (HOLD, SHIFT
LEFT, SHIFT RIGHT and LOAD DATA). Each
mode is chosen by two function select inputs (S0,
S1) as shown in the Truth Table.
When one or both enable inputs, (G1, G2) are
high, the eight input/output terminals are in the
high
impedance
state;
however
sequential
operation or clearing of the register is not affected.
Clear function is asynchronous to clock.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVQ299
8 BIT PIPO SHIFT REGISTER
WITH ASYNCHRONOUS CLEAR
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVQ299MTR
TSSOP
74LVQ299TTR
TSSOP
SOP
Rev. 2


Similar Part No. - 74LVQ299

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ20 STMICROELECTRONICS-74LVQ20 Datasheet
153Kb / 8P
   DUAL 4-INPUT NAND GATE
74LVQ20M STMICROELECTRONICS-74LVQ20M Datasheet
153Kb / 8P
   DUAL 4-INPUT NAND GATE
74LVQ20MTR STMICROELECTRONICS-74LVQ20MTR Datasheet
153Kb / 8P
   DUAL 4-INPUT NAND GATE
74LVQ20TTR STMICROELECTRONICS-74LVQ20TTR Datasheet
153Kb / 8P
   DUAL 4-INPUT NAND GATE
74LVQ240 STMICROELECTRONICS-74LVQ240 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
More results

Similar Description - 74LVQ299

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC299AF TOSHIBA-TC74HC299AF Datasheet
369Kb / 11P
   8-Bit PIPO Shift Register with Asynchronous Clear
logo
STMicroelectronics
74AC299 STMICROELECTRONICS-74AC299 Datasheet
465Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
M74HC299 STMICROELECTRONICS-M74HC299 Datasheet
412Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F Datasheet
347Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
TC74VHC299F TOSHIBA-TC74VHC299F_07 Datasheet
234Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
TC74VHC299F TOSHIBA-TC74VHC299F_12 Datasheet
224Kb / 12P
   8-Bit Pipo Shift Register with Asynchronous Clear
logo
STMicroelectronics
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
   8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
April 1999
logo
Toshiba Semiconductor
TC74VHC299F TOSHIBA-TC74VHC299F_V01 Datasheet
456Kb / 11P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
1997-01-30
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com