Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PC50U Datasheet(PDF) 28 Page - International Rectifier

Part # IRG4PC50U
Description  Fit Rate / Equivalent Device Hours
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50U Datasheet(HTML) 28 Page - International Rectifier

Back Button IRG4PC50U Datasheet HTML 24Page - International Rectifier IRG4PC50U Datasheet HTML 25Page - International Rectifier IRG4PC50U Datasheet HTML 26Page - International Rectifier IRG4PC50U Datasheet HTML 27Page - International Rectifier IRG4PC50U Datasheet HTML 28Page - International Rectifier IRG4PC50U Datasheet HTML 29Page - International Rectifier IRG4PC50U Datasheet HTML 30Page - International Rectifier IRG4PC50U Datasheet HTML 31Page - International Rectifier IRG4PC50U Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
POWER CYCLING (P/C) Unbiased
Test circuit
Conditions
Bias
Set to give
∆ T = 100°C
Temperature
Tj =
∆ 100°C
D
DC
Duration
10000 Cycles
BIAS
Test points
2500, 5000, 7500, 10000 Nominal
Input
Bias
D = Diode for CoPack devices only
Purpose
Failure Modes
Sensitive Parameters
ICES, V(BR)CES,Rθ
θ
JC, VCE(on)
The purpose of Power Cycling is to simulate the thermal and current pulsing
stresses which devices will encounter in actual circuit applications when either the
equipment is turned on and off or power is applied to the device in short bursts
interspersed with quiescent, low power periods. The simulation is achieved by the
on/off application of power to each device while they are in the active linear
region.
The primary failure mode for power cycling is a thermal fatigue of the
silicon/metal interfaces and metal/metal interfaces. The fatigue, due to the
thermomechanical stresses from the heating and cooling, will cause electrical or
thermal performance or degrade.
If the degradation occurs at the header/die interface, then the thermal impedance
R
θθ
JC, will begin to increase well before any electrical effect is seen.
If the
degradation occurs at the wire bond/die interface or the wire bond/post interface,
then on resistance, VCE(on), will slowly increase or become unstable with time.
The thermal impedance, when measured during this time may appear to
decrease or change erratically.
The mechanical stresses from the application of power can also propagate
fractures in the silicon when the die is thermally mismatched to the solder/heat
sink system. These fractures will manifest themselves in the form of shorted
gates or degraded breakdown characteristics (V(BR)CES).
IGBT / CoPack
Quarterly Reliability Report
Page 28 of 35


Similar Part No. - IRG4PC50U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC50U IRF-IRG4PC50U Datasheet
147Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A)
IRG4PC50UD IRF-IRG4PC50UD Datasheet
213Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A)
logo
Inchange Semiconductor ...
IRG4PC50UD ISC-IRG4PC50UD Datasheet
375Kb / 3P
   IGBT
logo
International Rectifier
IRG4PC50UDPBF IRF-IRG4PC50UDPBF Datasheet
688Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC50UDPBF IRF-IRG4PC50UDPBF Datasheet
697Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PC50U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5432 STMICROELECTRONICS-STLC5432 Datasheet
391Kb / 46P
   2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
   Low equivalent on-resistance
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
   SJT or Equivalent, 12/3 Wire
logo
STANLEY ELECTRIC CO.,LT...
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
   Equivalent to JEDEC Level 2a
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com