Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC75S60FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC75S60FU
Description  Single Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S60FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC75S60FU Datasheet HTML 1Page - Toshiba Semiconductor TC75S60FU Datasheet HTML 2Page - Toshiba Semiconductor TC75S60FU Datasheet HTML 3Page - Toshiba Semiconductor TC75S60FU Datasheet HTML 4Page - Toshiba Semiconductor TC75S60FU Datasheet HTML 5Page - Toshiba Semiconductor TC75S60FU Datasheet HTML 6Page - Toshiba Semiconductor TC75S60FU Datasheet HTML 7Page - Toshiba Semiconductor TC75S60FU Datasheet HTML 8Page - Toshiba Semiconductor TC75S60FU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC75S60F/FU
2007-11-01
2
Marking (top view)
Pin Connection (top view)
Electrical Characteristics
DC Characteristics (VDD = 3.0 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
1
RS = 1 kΩ
2
7
mV
Input offset current
IIO
1
pA
Input bias current
II
1
pA
Common mode input voltage
CMVIN
2
0.0
2.1
V
Voltage gain (open loop)
GV
60
70
dB
VOH
3
RL = 100 kΩ
2.9
Maximum output voltage
VOL
4
RL = 100 kΩ
0.1
V
Common mode rejection ratio
CMRR
2
VIN = 0.0~2.1 V
54
70
dB
Supply voltage rejection ratio
SVRR
1
VDD = 1.8~7.0 V
60
70
dB
Supply current
IDD
5
330
500
μA
Source current
Isource
6
330
700
μA
Sink current
Isink
7
600
1250
μA
DC Characteristics (VDD = 1.8 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
1
RS = 10 kΩ
2
7
mV
Input offset current
IIO
1
pA
Input bias current
II
1
pA
Common mode input voltage
CMVIN
2
0.3
0.9
V
Voltage gain (open loop)
GV
70
dB
VOH
3
RL = 100 kΩ
1.7
maximum output voltage
VOL
4
RL = 100 kΩ
0.1
V
Common mode rejection ratio
CMRR
2
VIN = 0.3~0.9 V
50
60
dB
Supply current
IDD
5
300
450
μA
Source current
Isource
6
300
600
μA
Sink current
Isink
7
550
1150
μA
S H
5
4
1
3
2
VDD
5
IN (
−)
4
1
3
VSS
2
OUT
IN (
+)


Similar Part No. - TC75S60FU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC75S60FU ETC-TC75S60FU Datasheet
320Kb / 28P
   General-Purpose Linear ICs
More results

Similar Description - TC75S60FU

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com