Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC75S58AFC Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC75S58AFC
Description  Single Comparator竊늀pen-Drain Output竊
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S58AFC Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC75S58AFC Datasheet HTML 1Page - Toshiba Semiconductor TC75S58AFC Datasheet HTML 2Page - Toshiba Semiconductor TC75S58AFC Datasheet HTML 3Page - Toshiba Semiconductor TC75S58AFC Datasheet HTML 4Page - Toshiba Semiconductor TC75S58AFC Datasheet HTML 5Page - Toshiba Semiconductor TC75S58AFC Datasheet HTML 6Page - Toshiba Semiconductor TC75S58AFC Datasheet HTML 7Page - Toshiba Semiconductor TC75S58AFC Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC75S58AFE/AFC
2007-10-01
1
6
5
4
1
2
3
6
5
4
1
2
3
TC75S58AFE,TC75S58AFC
Single Comparator(Open-Drain Output)
The TC75S58AFE and TC75S58AFC are CMOS general-purpose
single comparators. The devices can operate from a single supply
voltage and are designed for a lower supply-current than
conventional general-purpose bipolar comparators. The output is
designed for Open-Drain Output and can supply a higher voltage
than the power supply.
Therefore, it is possible to pull-up the
voltage to a level higher than that of the power supply.
The
Open-Drain Output can be wired-OR with another Open-Drain
Output circuit.
* Output voltage should not exceed the maximum rating
Feature
• Low Supply Current: IDD = 10 μA (Typ.)
• Single Power Supply Operation
• Wide Common Mode Input : VSS~VDD − 0.9 V
• Open-Drain Output Circuit
• Low Input Bias Current
• Small Package
Marking (top view)
Pin Assignment (top view)
TC75S58AFE
TC75S58AFC
TC75S58AFE
TC75S58AFC
CSON6-P-0.45
Weight
SON5-P-0.50
: 0.003 g (Typ.)
CSON6-P-0.45 : 0.002 g (Typ.)
T G
4
5
1
VDD
5
IN (
+)
4
1
3
VSS
2
OUT
IN (
−)
TG
IN (-)
Vss
IN (+)
OUT
VDD
NC
Marking
Monthly Indication
2
3
TC75S58AFE
TC75S58AFC


Similar Part No. - TC75S58AFC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S58AFC TOSHIBA-TC75S58AFC Datasheet
152Kb / 8P
   CMOS Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TC75S58AFC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S59AFE TOSHIBA-TC75S59AFE Datasheet
195Kb / 8P
   Single Comparator竊늀pen-Drain Output竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PBMB50B12 NI-PBMB50B12_15 Datasheet
202Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com