Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC75S51F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC75S51F
Description  Single Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S51F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC75S51F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC75S51F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC75S51F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC75S51F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC75S51F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC75S51F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC75S51F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC75S51F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC75S51F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC75S51F/FU/FE
2007-11-01
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC75S51F,TC75S51FU,TC75S51FE
Single Operational Amplifier
The TC75S51F/TC75S51FU/TC75S51FE is a CMOS single-
operation amplifier which incorporates a phase compensation
circuit. It is designed for use with a low-voltage, low-current
power supply; this differentiates this device from conventional
general-purpose bipolar op-amps.
Features
• Low-voltage operation
: VDD = ±0.75~±3.5 V or 1.5~7 V
• Low-current power supply : IDD (VDD = 3 V) = 60 μA (typ.)
• Built-in phase-compensated op-amp, obviating the need for
any external device
• Ultra-compact package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VDD, VSS
7
V
Differential input voltage
DVIN
±7
V
Input voltage
VIN
VDD~VSS
V
TC75S51F/FU
200
Power
dissipation
TC75S51FE
PD
100
mW
Operating temperature
Topr
−40~85
°C
Storage temperature
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
TC75S51F
TC75S51FU
TC75S51FE
Weight
SSOP5-P-0.95 : 0.014 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)
SON5-P-0.50
: 0.003 g (typ.)


Similar Part No. - TC75S51F_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC75S51FE ETC-TC75S51FE Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
Toshiba Semiconductor
TC75S51FE TOSHIBA-TC75S51FE Datasheet
212Kb / 10P
   Single Operational Amplifier
TC75S51FU TOSHIBA-TC75S51FU Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
TC75S51FU ETC-TC75S51FU Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
Toshiba Semiconductor
TC75S51FU TOSHIBA-TC75S51FU Datasheet
212Kb / 10P
   Single Operational Amplifier
More results

Similar Description - TC75S51F_07

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
   Single Operational Amplifier
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com