Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHCT08AFT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHCT08AFT
Description  Quad 2-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT08AFT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCT08AFT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT08AFT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT08AFT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT08AFT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT08AFT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT08AFT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT08AFT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT08AFT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCT08AFT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHCT08AF/AFN/AFT/AFK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT08AF,TC74VHCT08AFN,TC74VHCT08AFT,TC74VHCT08AFK
Quad 2-Input AND Gate
The TC74VHCT08A is an advanced high speed CMOS
2-INPUT AND GATE fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3
V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can
be applied to the input and output (Note) pins without regard to
the supply voltage. These structure prevents device destruction
due to mismatched supply and input/output voltages such as
battery back up, hot board insertion, etc.
Note:
VCC = 0 V
Features
• High speed: tpd = 5.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Power down protection is provided on all inputs and outputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with the 74 series
(74AC/HC/F/ALS/LS etc.) 08 type.
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHCT08AF
TC74VHCT08AFN
TC74VHCT08AFT
TC74VHCT08AFK


Similar Part No. - TC74VHCT08AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT08AFT TOSHIBA-TC74VHCT08AFT Datasheet
205Kb / 6P
   QUAD 2-INPUT AND GATE
TC74VHCT08AFT TOSHIBA-TC74VHCT08AFT_12 Datasheet
213Kb / 8P
   Quad 2-Input AND Gate
More results

Similar Description - TC74VHCT08AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com