Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC4040FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC4040FT
Description  12-Stage Ripple Carry Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4040FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC4040FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC4040FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC4040FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC4040FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4040FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4040FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4040FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4040FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4040FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC74VHC4040F/FN/FT/FK
2007-10-01
4
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0 to
5.5
1.50
VCC ×
0.7
1.50
VCC ×
0.7
V
Low-level input
voltage
VIL
2.0
3.0 to
5.5
0.50
VCC ×
0.3
0.50
VCC ×
0.3
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA


Similar Part No. - TC74VHC4040FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC4040FT TOSHIBA-TC74VHC4040FT Datasheet
248Kb / 7P
   12-STAGE RIPPLE-CARRY BINARY COUNTER
TC74VHC4040FT TOSHIBA-TC74VHC4040FT Datasheet
328Kb / 7P
   12-STAGE RIPPLE - CARRY BINARY COUNTER
1997-01-30
TC74VHC4040FT TOSHIBA-TC74VHC4040FT_12 Datasheet
228Kb / 10P
   12-Stage Ripple Carry Binary Counter
More results

Similar Description - TC74VHC4040FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC4040F TOSHIBA-TC74VHC4040F Datasheet
248Kb / 7P
   12-STAGE RIPPLE-CARRY BINARY COUNTER
TC74VHC4040F TOSHIBA-TC74VHC4040F_12 Datasheet
228Kb / 10P
   12-Stage Ripple Carry Binary Counter
TC7MH4040FK TOSHIBA-TC7MH4040FK_07 Datasheet
192Kb / 7P
   12-Stage Ripple-Carry Binary Counter
TC7MH4040FK TOSHIBA-TC7MH4040FK Datasheet
218Kb / 6P
   12-STAGE RIPPLE-CARRY BINARY COUNTER
TC74VHC4040F TOSHIBA-TC74VHC4040F_V01 Datasheet
328Kb / 7P
   12-STAGE RIPPLE - CARRY BINARY COUNTER
1997-01-30
logo
STMicroelectronics
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
logo
Toshiba Semiconductor
TC4040BP TOSHIBA-TC4040BP_07 Datasheet
326Kb / 9P
   12 Stage Ripple-Carry Binary Counter/Dividers
TC4040BP TOSHIBA-TC4040BP Datasheet
260Kb / 7P
   12 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
STMicroelectronics
HCF4040 STMICROELECTRONICS-HCF4040 Datasheet
65Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com