Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC574FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC574FT
Description  Octal D-Type Flip Flop with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC574FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC574FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74VHC574F/FT/FK
2007-10-01
4
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0 to
5.5
1.50
VCC ×
0.7
1.50
VCC ×
0.7
V
Low-level input
voltage
VIL
2.0
3.0 to
5.5
0.50
VCC ×
0.3
0.50
VCC ×
0.3
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.25
±2.50
μA
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
Timing Requirements (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to
85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tw (H)
tw (L)
3.3 ± 0.3
5.0 ± 0.5
5.0
5.0
5.0
5.0
ns
Minimum set-up time
ts
3.3 ± 0.3
5.0 ± 0.5
3.5
3.5
3.5
3.5
ns
Minimum hold time
th
3.3 ± 0.3
5.0 ± 0.5
1.5
1.5
1.5
1.5
ns


Similar Part No. - TC74VHC574FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC574FT TOSHIBA-TC74VHC574FT Datasheet
258Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
More results

Similar Description - TC74VHC574FT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com