Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BE40MD Datasheet(PDF) 11 Page - International Rectifier

Part # IRG4BE40MD
Description  Fit Rate / Equivalent Device Hours
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BE40MD Datasheet(HTML) 11 Page - International Rectifier

Back Button IRG4BE40MD Datasheet HTML 7Page - International Rectifier IRG4BE40MD Datasheet HTML 8Page - International Rectifier IRG4BE40MD Datasheet HTML 9Page - International Rectifier IRG4BE40MD Datasheet HTML 10Page - International Rectifier IRG4BE40MD Datasheet HTML 11Page - International Rectifier IRG4BE40MD Datasheet HTML 12Page - International Rectifier IRG4BE40MD Datasheet HTML 13Page - International Rectifier IRG4BE40MD Datasheet HTML 14Page - International Rectifier IRG4BE40MD Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
HIGH TEMPERATURE REVERSE BIAS (HTRB)
T0220 Package
Junction Temperature:
Tj = as specified below
Applied Bias:
Vge = 0V
Vce = 80% of maximum rated BVces
N Channel
HIGH FREQUENCY ( Ultra-Fast )
EQUIVALENT FAILURE RATE @
DEVICE
DATE
TEMP
VOLTAGE QTY
ACTUAL
FAILURES
DEV-HRS
90°C & 60% UCL
TYPE
CODE
MAX
TEST
@ 90°C
TIME
#
MODE
FITs
(deg C)
(V)
(hours)
(note b)
(note a)
IRGBC20K
9613
150
600
20
2008 0
3.73E+06
245
IRGBC30U
9605
150
600
20
2008 0
3.73E+06
245
IRGB440U
9643
150
400
20
2008 0
3.73E+06
245
TOTALS
60
6024 0
1.12E+07
82
NOTES
a.
One FIT represents one failure in one billion (1.0E+09) hours.
b.
FAILURE MODES:
IGBT / CoPack
Quarterly Reliability Report
Page 11 of 35


Similar Part No. - IRG4BE40MD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10K IRF-IRG4BC10K Datasheet
158Kb / 8P
   Short Circuit Rated UltraFast IGBT
IRG4BC10KD IRF-IRG4BC10KD Datasheet
210Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A)
IRG4BC10KDPBF IRF-IRG4BC10KDPBF Datasheet
265Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10KDPBF IRF-IRG4BC10KDPBF Datasheet
274Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10KDPBF IRF-IRG4BC10KDPBF Datasheet
274Kb / 11P
   High short circuit rating optimized for motor control
More results

Similar Description - IRG4BE40MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5432 STMICROELECTRONICS-STLC5432 Datasheet
391Kb / 46P
   2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
logo
First Silicon Co., Ltd
FMMT493 FS-FMMT493 Datasheet
606Kb / 3P
   Low equivalent on-resistance
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
225Kb / 1P
   SJT or Equivalent, 12/3 Wire
logo
STANLEY ELECTRIC CO.,LT...
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
   Equivalent to JEDEC Level 2a
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com