Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RM50HG-12S Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part No. RM50HG-12S
Description  Super Fast Recovery Single Diode (50 Amperes/600 Volts)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

RM50HG-12S Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  RM50HG-12S Datasheet HTML 1Page - Powerex Power Semiconductors RM50HG-12S Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D-4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
RM50HG-12S
Super Fast Recovery
Single Diode
50 Amperes/600 Volts
Absolute Maximum Ratings
Characteristics
Symbol
Conditions
RM50HG-12S
Units
Peak Forward Blocking Voltage
VDRM
600
Volts
Peak Reverse Blocking Voltage (Non-Repetitive)
VRRM
720
Volts
DC Reverse Blocking Voltage
VR(DC)
480
Volts
DC Current, TC = 80°C (Resistive Load)
IF(DC)
50
Amperes
Peak Half-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
IFSM
1000
Amperes
I2t for Fusing, (8.3 milliseconds)
I2t—
A2sec
Storage Temperature
TSTG
-40 to 125
°C
Operating Temperature
Tj
-40 to 150
°C
Maximum Mounting Torque M3 Mounting Screw
10
kg.-cm.
Weight (Typical)
10
Grams
Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
RM50HG-12S
Units
Blocking State Maximums
Reverse Leakage Current, Peak
IRRM
VRRM applied, Tj = 150°C
1.0
mA
VRRM applied, Tj = 25°C
0.1
mA
Conducting State Maximums
Forward Voltage Drop
VFM
Tj = 25°C, IFM = 200A
4.0
Volts
Switching Minimums
Reverse Recovery Time
trr
Tj = 25°C, IFM = 100A
0.2
s
Reverse Recovery Charge
Qrr
di/dt = -1000A/ s, VR = 300V
C
Lead Integrity
Tension Load: 25 kg
30.0
s
Bending Load: 1 kg bent to 90°
2.0
times
Thermal Maximums
Thermal Resistance, Junction-to-Case
R (J-C)
Diode
0.5
°C/Watt
Contact Thermal Resistance, Case-to-Fin
R (C-S)
Case to Fin, Thermal Grease Applied
0.5
°C/Watt
*Maximum ratings unless otherwise specified


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn