Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC238F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC238F
Description  3-to-8 Line Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC238F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC238F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC238F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC238F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC238F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC238F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC238F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC238F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC238F Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC238F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC238F/FN/FT/FK
2007-10-01
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta = −40 to
85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
8.0
12.3
1.0
14.5
3.3 ± 0.3
50
10.5
15.8
1.0
18.0
15
5.5
8.1
1.0
9.5
Propagation delay
time
(A, B, C-Y)
tpLH
tpHL
5.0 ± 0.5
50
7.0
10.1
1.0
11.5
ns
15
8.1
12.8
1.0
15.0
3.3 ± 0.3
50
10.6
16.3
1.0
18.5
15
5.4
8.1
1.0
9.5
Propagation delay
time
(G1-Y)
tpLH
tpHL
5.0 ± 0.5
50
6.9
10.1
1.0
11.5
ns
15
8.1
12.3
1.0
14.5
3.3 ± 0.3
50
10.6
15.8
1.0
18.0
15
5.7
8.1
1.0
9.5
Propagation delay
time
( 2
G -Y)
tpLH
tpHL
5.0 ± 0.5
50
7.2
10.1
1.0
11.5
ns
Input capacitance
CIN
4
10
pF
Power dissipation
capacitance
CPD
(Note)
37
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC
Input Equivalent Circuit
INPUT


Similar Part No. - TC74VHC238F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
311Kb / 6P
   3-TO-8 LINE DECODER
1997-01-30
TC74VHC238FK TOSHIBA-TC74VHC238FK_12 Datasheet
225Kb / 9P
   3-to-8 Line Decoder
TC74VHC238FN TOSHIBA-TC74VHC238FN Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC74VHC238FN TOSHIBA-TC74VHC238FN Datasheet
311Kb / 6P
   3-TO-8 LINE DECODER
1997-01-30
More results

Similar Description - TC74VHC238F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com