Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM400HA-34S Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # RM400HA-34S
Description  Super Fast Recovery Single Diode Module (400 Amperes/1700 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

RM400HA-34S Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  RM400HA-34S Datasheet HTML 1Page - Powerex Power Semiconductors RM400HA-34S Datasheet HTML 2Page - Powerex Power Semiconductors RM400HA-34S Datasheet HTML 3Page - Powerex Power Semiconductors RM400HA-34S Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
RM400HA-34S
Super Fast Recovery
Single Diode Module
400 Amperes/1700 Volts
Absolute Maximum Ratings
Characteristics
Symbol
RM400HA-34S
Units
Peak Reverse Blocking Voltage
VRRM
1700
Volts
Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms
VRSM
1700
Volts
DC Reverse Blocking Voltage
VR(DC)
1360
Volts
DC Current, TC = 90°C
IF(DC)
400
Amperes
Peak Half-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
IFSM
8000
Amperes
I2t (for Fusing), 8.3 milliseconds
I2t
2.6 x 105
A2sec
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
TSTG
-40 to 125
°C
Maximum Mounting Torque M6 Mounting Screw
30
kg.-cm.
Maximum Mounting Torque M6 Terminal Screw
30
kg.-cm.
Module Weight (Typical)
450
Grams
V Isolation
VRMS
3000
Volts


Similar Part No. - RM400HA-34S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM400HA-20S MITSUBISHI-RM400HA-20S Datasheet
48Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM400HA-24S MITSUBISHI-RM400HA-24S Datasheet
48Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
RM400HA-24S POWEREX-RM400HA-24S Datasheet
70Kb / 4P
   Super Fast Recovery Single Diode Module (400 Amperes/1200 Volts)
More results

Similar Description - RM400HA-34S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
RM35HG-34S POWEREX-RM35HG-34S Datasheet
27Kb / 2P
   Super Fast Recovery Single Diode (35 Amperes/1700 Volts)
RM400HA-24S POWEREX-RM400HA-24S Datasheet
70Kb / 4P
   Super Fast Recovery Single Diode Module (400 Amperes/1200 Volts)
RM400DY-24S POWEREX-RM400DY-24S Datasheet
803Kb / 4P
   Super Fast Recovery Dual Diode Module 400 Amperes/1200 Volts
CM400HA-34H POWEREX-CM400HA-34H Datasheet
57Kb / 4P
   Single IGBTMOD 400 Amperes/1700 Volts
RM25HG-24S POWEREX-RM25HG-24S Datasheet
230Kb / 2P
   Super Fast Recovery Single Diode (25 Amperes/1200 Volts)
RM50HG-12S POWEREX-RM50HG-12S Datasheet
68Kb / 2P
   Super Fast Recovery Single Diode (50 Amperes/600 Volts)
CS641230 POWEREX-CS641230 Datasheet
69Kb / 4P
   Fast Recovery Single Diode Module 300 Amperes/1200 Volts
CS640525 POWEREX-CS640525 Datasheet
58Kb / 2P
   Fast Recovery Single Diode Module 250 Amperes/500 Volts
CS241020 POWEREX-CS241020 Datasheet
61Kb / 2P
   Fast Recovery Single Diode Module 200 Amperes/1000 Volts
RM300DY1-24S POWEREX-RM300DY1-24S Datasheet
243Kb / 2P
   Super Fast Recovery Dual Diode Module 300 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com