Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC174F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC174F
Description  Hex D-Type Flip Flop with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC174F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC174F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC174F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC174F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC174F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC174F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC174F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC174F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC174F Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC174F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC174F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC174F,TC74VHC174FN,TC74VHC174FT
Hex D-Type Flip Flop with Clear
The TC74VHC174 is an advanced high speed CMOS HEX
D-TYPE FLIP FLOP fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
Information signals applied to D inputs are transferred to the
Q output on the positive going edge of the clock pulse.
When the CLR input is held low, the Q output are in the low
logic level independent of the other inputs.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 150 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS174
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC174F
TC74VHC174FN
TC74VHC174FT
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74VHC174F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
280Kb / 9P
   Hex D-Type Flip Flop with Clear
2019-01-31
TC74VHC174FK TOSHIBA-TC74VHC174FK Datasheet
280Kb / 9P
   Hex D-Type Flip Flop with Clear
2019-01-31
TC74VHC174FK TOSHIBA-TC74VHC174FK_12 Datasheet
226Kb / 10P
   Hex D-Type Flip Flop with Clear
TC74VHC174FN TOSHIBA-TC74VHC174FN Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
More results

Similar Description - TC74VHC174F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com