Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC165F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74VHC165F
Description  8-Bit Shift Register (P-IN, S-OUT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC165F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VHC165F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC165F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC165F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC165F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC165F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC165F Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC165F Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC165F Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC165F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC74VHC165F/FN/FT/FK
2007-10-01
7
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= 40 to
85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
9.9
15.4
1.0
18.0
3.3
± 0.3
50
12.4
18.9
1.0
21.5
15
6.6
9.9
1.0
11.5
Propagation delay time
(CK, CK INH-QH,
H
Q )
tpLH
tpHL
5.0
± 0.5
50
8.1
11.9
1.0
13.5
ns
15
9.9
15.8
1.0
18.5
3.3
± 0.3
50
12.4
19.3
1.0
22.0
15
6.7
9.9
1.0
11.5
Propagation delay time
(
L
S/ -QH,
H
Q)
tpLH
tpHL
5.0
± 0.5
50
8.2
11.9
1.0
13.5
ns
15
9.2
14.1
1.0
16.5
3.3
± 0.3
50
11.7
17.6
1.0
20.0
15
5.9
9.0
1.0
10.5
Propagation delay time
(H-QH,
H
Q)
tpLH
tpHL
5.0
± 0.5
50
7.4
11.0
1.0
12.5
ns
15
65
85
55
3.3
± 0.3
50
60
105
50
15
110
150
90
Maximum clock frequency
fmax
5.0
± 0.5
50
95
130
85
MHz
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
50
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC
Input Equivalent Circuit
INPUT


Similar Part No. - TC74VHC165F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC165F TOSHIBA-TC74VHC165F Datasheet
328Kb / 8P
   8-BIT SHIFT REGISTER
TC74VHC165F TOSHIBA-TC74VHC165F Datasheet
416Kb / 8P
   8-BIT SHIFT REGISTER (P-IN, S-OUT)
1997-01-30
TC74VHC165FK TOSHIBA-TC74VHC165FK_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165FN TOSHIBA-TC74VHC165FN Datasheet
328Kb / 8P
   8-BIT SHIFT REGISTER
TC74VHC165FN TOSHIBA-TC74VHC165FN Datasheet
416Kb / 8P
   8-BIT SHIFT REGISTER (P-IN, S-OUT)
1997-01-30
More results

Similar Description - TC74VHC165F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com