Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC165F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC165F
Description  8-Bit Shift Register (P-IN, S-OUT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC165F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC165F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC165F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC165F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC165F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC165F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC165F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC165F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC165F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC165F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC74VHC165F/FN/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC165F,TC74VHC165FN,TC74VHC165FT,TC74VHC165FK
8-Bit Shift Register (P-IN, S-OUT)
The TC74VHC165 is an advanced high speed CMOS 8-BIT
PARALLEL/SERIAL-IN, SERIAL-OUT SHIFT REGISTER
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power dissipation.
It consists of parallel-in or serial-in, serial-out 8-bit shift register
with a gated clock input. When the SHIFT/ LOAD input is held
high, the serial data input is enabled and the eight frip-frops
perform serial shifting with each clock pulse.
When the SHIFT/ LOAD input is held low, the parallel data is
loaded synchronously into the register at positive going transition of
the clock pulse.
The CK-INH input should be shifted high only when the CK input
is held high.
An Input protection circuit ensures that 0 to 5.5 V can be applied
to the input pins without regard to the supply voltage. This device
can be used to interface 5 V to 3 V systems and on two supply
systems such as battery back up. This circuit prevents device
destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 150 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 5.5 V
• Pin and function compatible with 74ALS165
Weight
SOP16-P-300-1.27A: 0.18 g (typ.)
SOL16-P-150-1.27: 0.13 g (typ.)
TSSOP16-P-0044-0.65A: 0.06 g (typ.)
VSSOP16-P-0030-0.50: 0.02 g (typ.)
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC165F
TC74VHC165FN
TC74VHC165FT
TC74VHC165FK


Similar Part No. - TC74VHC165F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC165FK TOSHIBA-TC74VHC165FK_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165FN TOSHIBA-TC74VHC165FN Datasheet
328Kb / 8P
   8-BIT SHIFT REGISTER
TC74VHC165FN TOSHIBA-TC74VHC165FN Datasheet
416Kb / 8P
   8-BIT SHIFT REGISTER (P-IN, S-OUT)
1997-01-30
TC74VHC165FS TOSHIBA-TC74VHC165FS Datasheet
416Kb / 8P
   8-BIT SHIFT REGISTER (P-IN, S-OUT)
1997-01-30
TC74VHC165FT TOSHIBA-TC74VHC165FT Datasheet
328Kb / 8P
   8-BIT SHIFT REGISTER
More results

Similar Description - TC74VHC165F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
   8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
   8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
   8-Bit Shift Register (S-IN, P-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
   8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
   8-Bit Shift Register (P-IN, S-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
   8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
   8-Bit Shift Register (P-In, S-Out)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
   8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com