Electronic Components Datasheet Search |
|
MC34063AC Datasheet(PDF) 5 Page - STMicroelectronics |
|
MC34063AC Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 23 page MC34063AB - MC34063AC - MC34063EB - MC34063EC Maximum ratings 5/23 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 3. Absolute maximum ratings Symbol Parameter Value Unit VCC Power supply voltage 50 V VIR Comparator input voltage range -0.3 to 40 V VSWC Switch collector voltage 40 V VSWE Switch emitter voltage (VSWC = 40V) 40 V VCE Switch collector to emitter voltage 40 V VDC Driver collector voltage 40 V IDC Driver collector current 100 mA ISW Switch current 1.5 A PTOT Power dissipation at TA = 25°C for DIP-8 1.25 W for SO-8 0.625 TJ Operating junction temperature 150 °C TSTG Storage temperature range -40 to 150 °C TOP Operating ambient temperature range for AC and EC series 0 to 70 °C for AB series -40 to 85 for EB series -40 to 125 Table 4. Thermal data Symbol Parameter DIP-8 SO-8 Unit RthJA Thermal resistance junction-ambient (1) 100 160 °C/W RthJC Thermal resistance junction-case 42 20 °C/W 1. This value depends from thermal design of PCB on which the device is mounted. |
Similar Part No. - MC34063AC |
|
Similar Description - MC34063AC |