Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC74VHC03F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC74VHC03F
Description  Quad 2-Input NAND Gate (open drain)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC03F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC03F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC03F_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHC03F/FN/FT/FK
2007-10-01
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.5
7.9
1.0
9.5
3.3
± 0.3
50
8.0
11.4
1.0
13.0
15
3.7
5.5
1.0
6.5
Propagation delay
time
tpZL
RL = 1 kΩ
5.0
± 0.5
50
5.2
7.5
1.0
8.5
ns
3.3
± 0.3
50
8.0
11.4
1.0
13.0
Propagation delay
time
tpLZ
RL = 1 kΩ
5.0
± 0.5
50
5.2
7.5
1.0
8.5
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
5
pF
Power dissipation
capacitance
CPD
(Note)
6
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per gate)
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.3
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.3
−0.8
V
Minimum high level dynamic input voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input voltage
VILD
CL = 50 pF
5.0
1.5
V
Input Equivalent Circuit
INPUT


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn