Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VCXR162601FT Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC74VCXR162601FT
Description  Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162601FT Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC74VCXR162601FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162601FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162601FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162601FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXR162601FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXR162601FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXR162601FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCXR162601FT Datasheet HTML 13Page - Toshiba Semiconductor TC74VCXR162601FT Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TC74VCXR162601FT
2007-10-19
10
AC Test Circuit
AC Waveform
Figure 3 tpLH, tpHL, tw, ts, th
Output
(Bn, An)
10%
tr 2.0 ns
90%
VM
VIH
GND
VM
ts (H)
th (H)
th (L)
ts (L)
tw (H)
tw (L)
Input
(CKAB, CKBA)
tf 2.0 ns
VIH
GND
Input
(An, Bn)
VM
VOH
VOL
tpLH
tpHL
Figure 2 tpLH, tpHL
90%
10%
Output
(Bn, An)
Input
(An, Bn)
VOL
VOH
VIH
VM
tpLH
tpHL
tr 2.0 ns
VM
GND
tf 2.0 ns
Figure 1
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
@VCC = 3.3 ± 0.3 V
VCC × 2
@VCC = 2.5 ± 0.2 V
@VCC = 1.8 V
tpHZ, tpZH
GND
6.0 V or VCC × 2
Open
GND
Switch
Output
Measure
CL = 30 pF
RL = 500 Ω


Similar Part No. - TC74VCXR162601FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT Datasheet
420Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCXR162601FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com