Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VCXHR162652FT Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TC74VCXHR162652FT
Description  Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXHR162652FT Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TC74VCXHR162652FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 13Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 14Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TC74VCXHR162652FT
2007-10-19
12
AC Test Circuit
AC Waveform
Figure 1
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
@VCC = 3.3 ± 0.3 V
VCC × 2
@VCC = 2.5 ± 0.2 V
@VCC = 1.8 V
tpHZ, tpZH
GND
6.0 V or VCC × 2
Open
GND
Switch
Output
Measure
CL = 30 pF
RL = 500 Ω
Figure 2 tpLH, tpHL
90%
10%
Output
(Bn, An)
Input
(An, Bn,
SAB, SBA)
VOL
VOH
VIH
VM
tpLH
tpHL
tr 2.0 ns
VM
GND
tf 2.0 ns
Figure 3 tpLH, tpHL, tw, ts, th
Output
(Bn, An)
10%
tr 2.0 ns
90%
VM
VIH
GND
VM
ts (H)
th (H)
th (L)
ts (L)
tw (H)
tw (L)
Input
(CAB, CBA)
tf 2.0 ns
VIH
GND
Input
(An, Bn)
VM
VOH
VOL
tpLH
tpHL


Similar Part No. - TC74VCXHR162652FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162543FT TOSHIBA-TC74VCXHR162543FT Datasheet
233Kb / 15P
   Low-Voltage 16-Bit Registered Transceiver with Bushold
More results

Similar Description - TC74VCXHR162652FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT Datasheet
198Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com