Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VCX162244FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX162244FT
Description  Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX162244FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX162244FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX162244FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX162244FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX162244FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX162244FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX162244FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX162244FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX162244FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX162244FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC74VCX162244FT
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
OE
2
48
1A1
1A2
GND
47
46
45
44
43
42
OE
1
1
2
3
4
5
6
7
GND
1Y3
1Y4
VCC
2Y1
2Y2
1A3
8
9
10
2A1
2A2
GND
41
40
39
1A4
VCC
GND
1Y1
1Y2
2A3
38
2A4
3A1
3A2
37
36
35
34
33
32
2Y3 11
12
13
14
15
16
17
3Y2
GND
3Y3
3Y4
VCC
4Y1
GND
18
19
20
VCC
4A1
4Y2
31
30
29
3A3
3A4
4A2
2Y4
3Y1
28
21
GND
4Y3
4Y4
22
23
24
4A3
4A4
OE
4
27
26
25
GND
OE
3
48
1
24
25
47
44
46
OE
2
OE
1
OE
4
OE
3
1A1
1 1
1A3
1A2
41
43
38
40
36
37
33
35
2A1
1A4
2A3
2A2
3A1
2A4
3A3
3A2
30
32
27
29
26
4A1
3A4
4A3
4A2
4A4
2
5
8
11
1Y1
1Y3
2Y1
2Y3
3
6
9
1Y2
1Y4
2Y2
14
17
20
23
3Y2
3Y4
4Y2
4Y4
13
16
19
22
3Y1
3Y3
4Y1
4Y3
EN2
EN1
EN3
EN4
1 2
1 3
1 4
12
2Y4


Similar Part No. - TC74VCX162244FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162244FT TOSHIBA-TC74VCX162244FT Datasheet
335Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX162244FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX16827FT TOSHIBA-TC74VCX16827FT_07 Datasheet
209Kb / 11P
   Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162827FT TOSHIBA-TC74VCX162827FT_07 Datasheet
216Kb / 11P
   Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com