Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1882 Datasheet(PDF) 3 Page - Analog Devices

Part No. AD1882
Description  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD1882 Datasheet(HTML) 3 Page - Analog Devices

  AD1882 Datasheet HTML 1Page - Analog Devices AD1882 Datasheet HTML 2Page - Analog Devices AD1882 Datasheet HTML 3Page - Analog Devices AD1882 Datasheet HTML 4Page - Analog Devices AD1882 Datasheet HTML 5Page - Analog Devices AD1882 Datasheet HTML 6Page - Analog Devices AD1882 Datasheet HTML 7Page - Analog Devices AD1882 Datasheet HTML 8Page - Analog Devices AD1882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD1882
Rev. 0
|
Page 3 of 16
|
July 2007
GENERAL DESCRIPTION
The AD1882 audio codec and SoundMAX® software provides
superior HD audio quality that exceeds Vista Premium perfor-
mance. The AD1882 has six DACs and four ADCs, two stereo
headphone ports, C/LFE swapping, digital and analog PCBeep,
and S/PDIF output, making the AD1882 the right choice for
desktop PCs where performance is the primary consideration.
The jack retasking feature on this product supports various con-
figurations including platforms for 5.1 on 5 or 3 jacks, and front
panel jack retasking.
The AD1882 is available in a 48-lead Pb-free frame chip scale
package in both reels and trays. See Ordering Guide on Page 16.
ADDITIONAL INFORMATION
This data sheet provides a general overview of the AD1882
SoundMAX codec’s architecture and functionality. Additional
information on the AD1882 is available in the AD1882 Pro-
grammers Reference Manual. Please contact your local ADI
sales representative for more information. For information on
SoundMAX codecs and software see Analog Devices website at
http://www.analog.com/soundMAX.
JACK CONFIGURATION
The guidelines shown in Table 1 through Table 3 should be
used when selecting ports for particular functions..
Table 1. Typical Desktop Configuration with Discreet Jacks
Port
Function
Port A
Front Panel Headphone
Port B
Front Panel Microphone
Port C
Rear Panel Line-In
Port D
Rear Panel Line-Out/Headphone
Port E
Rear Panel Microphone
Port F
Rear Panel Surround
Port G
Rear Panel C/LFE
Table 2. Typical Desktop Configuration with 5.1 on 3 Jacks
Port
Function
Port A
Front Panel Headphone
Port B
Front Panel Microphone
Port C
Rear Panel Line-In/Surround
Port D
Rear Panel Line-Out/Headphone
Port E
Rear Panel Microphone / C/LFE
Table 3. Typical Notebook Configuration
Port
Function
Port A
Headphone
Port B
Microphone
Port C
Internal Microphone
Port D
Internal Stereo Speakers
Port E
Docking Station Line/Microphone In


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92022-CHANNEL HIGH DEFINITION AUDIO CODEC WITH 1 2 3 4 5 MoreIntegrated Device Technology
STAC92208-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn