Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1882 Datasheet(PDF) 14 Page - Analog Devices

Part No. AD1882
Description  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1882 Datasheet(HTML) 14 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Rev. 0
|
Page 14 of 16
|
July 2007
AD1882
Table 13. Connection List
Node ID Connections
0
123
45
67
[0–3]
[4–7]
NID
I
NID
I
NID
I
NID
I
NID
I
NID
I
NID
I
NID
02
0000001D
1D
03
04
05
08
0000000C
0C
09
0000000D
0D
0B
00000908
08
09
0C
18BC3911
20123B3B
11
39
1
3C
18
3B
3B
12
20
0D
18BC3911
20123B3B
11
39
1
3C
18
3B
3B
12
20
10
11
00000022
22
12
00000029
29
13
0000002D
2D
14
15
0000002C
2C
16
0000002A
2A
17
00000026
26
18
19
00002120
20
21
1A
1B
00000002
02
1D
00000B01
01
0B
1E
00002104
04
21
1F
00000002
02
20
12113A39
1A183B3C
39
3A
11
12
3C
3B
18
1A
21
00000020
20
22
00002137
37
21
23
A2209811
BC30AE24
11
1
18
20
1
22
24
1
2E
30
1
3C
24
00000027
27
26
00002105
05
21
27
00002105
05
21
29
00002104
04
21
2A
00002106
03
21
2C
00002131
03
21
2D
0000001E
1E
2F
00171514
14
15
17
37
00000403
03
04
39
00000014
14
3A
00000015
15
3C
00000017
17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92022-CHANNEL HIGH DEFINITION AUDIO CODEC WITH 1 2 3 4 5 MoreIntegrated Device Technology
STAC92208-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn