Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC74VCX16823FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC74VCX16823FT
Description  Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC74VCX16823FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC74VCX16823FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX16823FT
Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
The TC74VCX16823FT is a high-performance CMOS 18-bit
D-type flip-flop. Designed for use in 1.8-V, 2.5-V or 3.3-V systems,
it achieves high-speed operation while maintaining the CMOS
low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
The TC74VCX16823FT can be used as two 9-bit flip-flops or
one 18-bit flip-flop. With the clock-enable (CKEN) input low, the
D-type flip-flops enter data on the low-to-high transitions of the
clock. Taking CKEN high disables the clock buffer, thus latching
the outputs. Taking the clear (CLR) input low causes the Q
outputs to go low independently of the clock. When the OE input
is high, the outputs are in a high-impedance state. This device is designed to be used with 3-state memory address
drivers, etc.
All inputs are equipped with protection circuits against static discharge.
Features
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 3.5 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 4.4 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 8.8 ns (max) (VCC = 1.8 V)
• Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±6 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs
Weight: 0.25 g (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn