Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VCX16601FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX16601FT
Description  Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16601FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX16601FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX16601FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX16601FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX16601FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX16601FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16601FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16601FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16601FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16601FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TC74VCX16601FT
2007-10-19
2
Pin Assignment (top view)
CKENAB
48
CKAB
B1
GND
47
46
45
44
43
42
OEAB
1
2
3
4
5
6
7
GND
A2
A3
VCC
A4
A5
B2
8
9
10
B4
B5
A6
41
40
39
B3
VCC
B6
A1
GND
38
B7
B8
B9
37
36
35
34
33
32
GND 11
12
13
14
15
16
17
A9
A10
A11
A12
GND
A13
B10
18
19
20
GND
B13
A14
31
30
29
B11
B12
B14
A7
A8
21
A15
VCC
A16
22
23
24
VCC
B16
A17
B15
B17
25
GND
26
A18
27
OEBA
28
LEBA
GND
B18
CKBA
CKENBA
56
55
54
53
52
51
50
49
LEAB


Similar Part No. - TC74VCX16601FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16601FT TOSHIBA-TC74VCX16601FT Datasheet
417Kb / 11P
   LOW-VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX16601FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT_07 Datasheet
238Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com