Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VCX2541FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VCX2541FT
Description  Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2541FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VCX2541FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX2541FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2541FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2541FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2541FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2541FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2541FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2541FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2541FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC74VCX2541FT/FK/FTG
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX2541FT, TC74VCX2541FK, TC74VCX2541FTG
Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
The TC74VCX2541 is a high-performance CMOS octal bus
buffer. Designed for use in 1.8-V, 2.5-V or 3.3-V systems, it
achieves high-speed operation while maintaining the CMOS low
power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
This device is a non-inverting 3-state buffer having two
active-low output enables. When either OE1 or OE2 are high, the
terminal outputs are in the high-impedance state. This device is
designed to be used with 3-state memory address drivers, etc.
The 26-Ω series resistor helps reducing output overshoot and
undershoot without external resistor.
All inputs are equipped with protection circuits against static
discharge.
Features (Note 1)
• 26-Ω series resistors on outputs.
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 4.4 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 5.6 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 9.8 ns (max) (VCC = 1.8 V)
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
VSSOP (US)
VQON
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs
Note 1: When mounting VQON package, the type of recommended flux is RA or RMA.
TC74VCX2541FT
TC74VCX2541FK
TC74VCX2541FTG
VQON20-P-0404-0.50
Weight
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
VQON20-P-0404-0.50
: 0.0145g (typ.)


Similar Part No. - TC74VCX2541FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX2541FT TOSHIBA-TC74VCX2541FT Datasheet
320Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX2541FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com