Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VCX2374FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX2374FK
Description  Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2374FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX2374FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX2374FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2374FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2374FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2374FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2374FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2374FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2374FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2374FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74VCX2374FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
OE
CK
D
Outputs
H
X
X
Z
L
X
Qn
L
L
L
L
H
H
X: Don’t care
Z: High impedance
Qn: No change
System Diagram
VCC
20
Q7
D7
D6
Q6
Q5
19
18
17
16
15
14
OE
1
2
3
4
5
6
7
Q0
D0
D1
Q1
Q2
D2
D5
8
9
10
D3
Q3
GND
13
12
11
D4
Q4
CK
1
11
3
4
7
8
13
14
17
18
2
5
6
9
12
15
16
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
EN
1D
C1
OE
CK
D0
D1
D2
D3
D4
D5
D6
D7
CK
OE
Q1
1
11
3
2
Q2
4
5
Q3
7
6
Q4
8
9
Q5
13
12
Q6
14
15
Q7
17
16
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
D1
D2
D3
D4
D5
D6
D7
18
19
CK
Q
D
Q0
D0


Similar Part No. - TC74VCX2374FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX2374FT TOSHIBA-TC74VCX2374FT Datasheet
338Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX2374FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA574FK TOSHIBA-TC7MA574FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
TC74VCX2574FT TOSHIBA-TC74VCX2574FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA2374FK TOSHIBA-TC7MA2374FK_07 Datasheet
228Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX574FT TOSHIBA-TC74VCX574FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com