Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VCX2244FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX2244FK
Description  Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2244FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX2244FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX2244FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2244FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2244FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2244FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2244FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2244FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2244FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2244FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC74VCX2244FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
OE
An
Outputs
L
L
L
L
H
H
H
X
Z
X: Don’t care
Z: High impedance
VCC
20
OE
2
1Y1
2A4
1Y2
2A3
19
18
17
16
15
14
1
2
3
4
5
6
7
1A1
2Y4
1A2
2Y3
1A3
2Y2
1Y3
8
9
10
1A4
2Y1
GND
13
12
11
2A2
1Y4
2A1
OE
1
19
11
15
13
2A1
17
9
5
7
3
EN
OE
2
2A2
2A3
2A4
2Y1
2Y2
2Y3
2Y4
1
2
6
4
1A1
8
18
14
16
12
EN
1A2
1A3
1A4
1Y1
1Y2
1Y3
1Y4
OE
1


Similar Part No. - TC74VCX2244FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX2244FT TOSHIBA-TC74VCX2244FT Datasheet
319Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX2244FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com