Electronic Components Datasheet Search |
|
TC74VCX573FT Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TC74VCX573FT Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 13 page TC74VCX573FT/FK 2007-10-19 3 Absolute Maximum Ratings (Note 1) Characteristics Symbol Rating Unit Power supply voltage VCC −0.5~4.6 V DC input voltage VIN −0.5~4.6 V −0.5~4.6 (Note 2) DC output voltage VOUT −0.5~VCC + 0.5 (Note 3) V Input diode current IIK −50 mA Output diode current IOK ±50 (Note 4) mA DC output current IOUT ±50 mA Power dissipation PD 180 mW DC VCC/ground current ICC/IGND ±100 mA Storage temperature Tstg −65~150 °C Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: Off-state Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC Operating Ranges (Note 1) Characteristics Symbol Rating Unit Supply voltage VCC 1.2~3.6 V Input voltage VIN −0.3~3.6 V 0~3.6 (Note 2) Output voltage VOUT 0~VCC (Note 3) V ±24 (Note 4) ±18 (Note 5) ±6 (Note 6) Output current IOH/IOL ±2 (Note 7) mA Operating temperature Topr −40~85 °C Input rise and fall time dt/dv 0~10 (Note 8) ns/V Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Off-state Note 3: High or low state Note 4: VCC = 3.0~3.6 V Note 5: VCC = 2.3~2.7 V Note 6: VCC = 1.65~1.95 V Note 7: VCC = 1.4~1.6 V Note 8: VIN = 0.8~2.0 V, VCC = 3.0 V |
Similar Part No. - TC74VCX573FT_07 |
|
Similar Description - TC74VCX573FT_07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |