Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LVX4052F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LVX4052F
Description  Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4052F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LVX4052F Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4052F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC74LVX4051,4052,4053F/FT
2007-10-17
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX4051F,TC74LVX4052F,TC74LVX4053F
TC74LVX4051FT,TC74LVX4052FT,TC74LVX4053FT
TC74LVX4051F/FT 8-Channel Analog Multiplexer/Demultiplexer
TC74LVX4052F/FT Dual 4-Channel Analog Multiplexer/Demultiplexer
TC74LVX4053F/FT Triple 2-Channel Analog
Multiplexer/Demultiplexer
The TC74LVX4051/4052/4053F/FT are high-speed, low-voltage
drive analog multiplexer/demultiplexers using silicon gate CMOS
technology. In 3 V and 5 V systems these can achieve high-speed
operation with the low power dissipation that is a feature of
CMOS.
The TC74LVX4051/4052/4053F/FT offer analog/digital signal
selection as well as mixed signals. The 4051 has an 8-channel
configuration, the 4052 has an 4-channel × 2 configuration, and
the 4053 has a 2-channel × 3 configuration.
The switches for each channel are turned ON by the control pin
digital signals.
Although the control signal logical amplitude (VCC − GND) is
small, the device can perform large-amplitude (VCC − VEE)
signal switching.
For example, if VCC = 3 V, GND = 0 V, and VEE = −3 V, signals
between −3 V and +3 V can be switched from the logical circuit
using a single 3 V power supply.
All input pins are equipped with a newly developed input
protection circuit that avoids the need for a diode on the plus side
(forward side from the input to the VCC). As a result, for example,
5 V signals can be permitted on the inputs even when the power
supply voltage to the circuits is off. As a result of this input power
protection, the TC74LVX4051/4052/4053F/FT can be used in a variety of applications, including in the system
which has two power supplies, and in battery backup circuits.
Features
• Low ON resistance: Ron = 22 Ω (typ.) (VCC − VEE = 3 V)
Ron = 15 Ω (typ.) (VCC − VEE = 6 V)
• High speed: tpd = 3 ns (typ.) (VCC = 3.0 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• Input level: VIL = 0.8 V (max) (VCC = 3 V)
VIH = 2.0 V (min) (VCC = 3 V)
• Power down protection is provided on all control inputs
• Pin and function compatible with 74HC4051/4052/4053
TC74LVX4051F, TC74LVX4052F,
TC74LVX4053F
TC74LVX4051FT, TC74LVX4052FT,
TC74LVX4053FT
Weight
SOP16-P-300-1.27A: 0.18 g (typ.)
TSSOP16-P-0044-0.65A: 0.06 g (typ.)


Similar Part No. - TC74LVX4052F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4052FK TOSHIBA-TC74LVX4052FK_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74LVX4052FT TOSHIBA-TC74LVX4052FT Datasheet
167Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX4052FT TOSHIBA-TC74LVX4052FT_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74LVX4052F TOSHIBA-TC74LVX4052F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - TC74LVX4052F

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com