Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LVX573F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74LVX573F
Description  Octal D-Type Latch with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX573F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74LVX573F Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX573F Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX573F Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX573F Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX573F Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX573F Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX573F Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX573F Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX573F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74LVX573F/FT
2007-10-17
5
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
8.2
15.6
1.0
18.5
tpLH
2.7
50
10.7
19.1
1.0
22.0
15
6.4
10.1
1.0
12.0
Propagation delay time
(LE-Q)
tpHL
3.3
± 0.3
50
8.9
13.6
1.0
15.5
ns
15
7.6
14.5
1.0
17.5
tpLH
2.7
50
10.1
18.0
1.0
21.0
15
5.9
9.3
1.0
11.0
Propagation delay time
(D-Q)
tpHL
3.3
± 0.3
50
8.4
12.8
1.0
14.5
ns
15
7.8
15.0
1.0
18.5
tpZL
2.7
50
10.3
18.5
1.0
22.0
15
6.1
9.7
1.0
12.0
Output enable time
tpZH
RL = 1 kΩ
3.3
± 0.3
50
8.6
13.2
1.0
15.5
ns
tpLZ
2.7
50
12.1
19.1
1.0
22.0
Output disable time
tpHZ
RL = 1 kΩ
3.3
± 0.3
50
10.1
13.6
1.0
15.5
ns
2.7
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
3.3
± 0.3
50
1.5
1.5
ns
Input capacitance
CIN
(Note 2)
4
10
10
pF
Output capacitance
COUT
6
pF
Power dissipation capacitance
CPD
(Note 3)
29
pF
Note 1: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Note 2: Parameter guaranteed by design.
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per latch)
And the total CPD when n pcs. of Latch operate can be gained by the following equation:
CPD (total) = 21 + 8・n


Similar Part No. - TC74LVX573F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX573F TOSHIBA-TC74LVX573F Datasheet
283Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX573FT TOSHIBA-TC74LVX573FT Datasheet
283Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX573FW TOSHIBA-TC74LVX573FW Datasheet
283Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
More results

Similar Description - TC74LVX573F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com