Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LVX373F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74LVX373F
Description  Octal D-Type Latch with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX373F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74LVX373F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX373F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX373F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX373F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX373F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX373F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX373F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX373F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX373F_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74LVX373F/FT
2007-10-17
4
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Sym-
bol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
3.0
2.0
2.0
H-level
VIH
3.6
2.4
2.4
2.0
0.5
0.5
3.0
0.8
0.8
Input voltage
L-level
VIL
3.6
0.8
0.8
V
IOH = −50 μA
2.0
1.9
2.0
1.9
IOH = −50 μA
3.0
2.9
3.0
2.9
H-level
VOH
VIN = VIH
or VIL
IOH = −4 mA
3.0
2.58
2.48
IOL = 50 μA
2.0
0
0.1
0.1
IOL = 50 μA
3.0
0
0.1
0.1
Output voltage
L-level
VOL
VIN = VIH
or VIL
IOL = 4 mA
3.0
0.36
0.44
V
3-state output
Off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
3.6
±0.25
±2.5
μA
Input leakage current
IIN
VIN = 5.5 V or GND
3.6
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
3.6
4.0
40.0
μA
Timing Requirements (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Limit
Limit
Unit
2.7
6.5
7.5
Minimum pulse width
(LE)
tW (H)
3.3
± 0.3
5.0
5.0
ns
2.7
6.0
6.0
Minimum set-up time
ts
3.3
± 0.3
4.0
4.0
ns
2.7
1.0
1.0
Minimum hold time
th
3.3
± 0.3
1.0
1.0
ns


Similar Part No. - TC74LVX373F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX373FT TOSHIBA-TC74LVX373FT Datasheet
283Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-TATE OUTPUT
TC74LVX373FW TOSHIBA-TC74LVX373FW Datasheet
283Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-TATE OUTPUT
More results

Similar Description - TC74LVX373F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com