Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCXR163245FT Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74LCXR163245FT
Description  16-Bit Dual Supply Bus Transceiver with Series Resistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCXR163245FT Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74LCXR163245FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCXR163245FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCXR163245FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCXR163245FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCXR163245FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCXR163245FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCXR163245FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCXR163245FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74LCXR163245FT_07 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74LCXR163245FT
2007-10-19
7
Electrical Characteristics
DC Characteristics
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCCB (V) VCCA (V)
Min
Max
Unit
2.5
± 0.2 5.0 ± 0.5
1.7
VIHB
DIR, OE , Bn
3.3
± 0.3 5.0 ± 0.5
2.0
H-level input voltage
VIHA
An
2.3 to 3.6 5.0
± 0.5
2.0
V
2.5
± 0.2 5.0 ± 0.5
0.7
VILB
DIR, OE , Bn
3.3
± 0.3 5.0 ± 0.5
0.8
L-level input voltage
VILA
An
2.3 to 3.6 5.0
± 0.5
0.8
V
2.3 to 3.6 5.0
± 0.5
VCCB
0.2
3.0
5.0
± 0.5
2.2
VOHB
IOHB = −100 μA
IOHB = −12 mA
IOHB = − 4 mA
2.3
5.0
± 0.5
1.8
2.3 to 3.6 5.0
± 0.5
VCCA
0.2
H-level output voltage
VOHA
VINA
= VIHA or VILA
VINB
= VIHB or VILB I
OHA = −100 μA
IOHA = −12 mA
2.3 to 3.6
4.5
3.7
V
2.3 to 3.6 5.0 ± 0.5
0.2
3.0
5.0
± 0.5
0.8
VOLB
IOLB = 100 μA
IOLB = 12 mA
IOLB = 4 mA
2.3
5.0
± 0.5
0.6
2.3 to 3.6 5.0 ± 0.5
0.2
L-level output voltage
VOLA
VINA
= VIHA or VILA
VINB
= VIHB or VILB IOLA = 100 μA
IOLA = 12 mA
2.3 to 3.6
4.5
0.7
V
IOZB
VIN = VIHB or VILB
VI/OB = VCCB or GND
2.3 to 3.6 5.0
± 0.5
±5.0
3-state output OFF state current
IOZA
VIN = VIHB or VILB
VI/OA = VCCA or GND
2.3 to 3.6 5.0
± 0.5
±5.0
μA
Input leakage current
IIN
VIN (DIR, OE ) = VCCB or GND
3.6
5.5
±5.0
μA
Power-off leakage current
IOFF
VINA/VINB = 0 to 5.5 V
0
0
10
μA
ICCB1
VI/OA = Open, VCCA = Open
OE
V
= VCCB, DIR = GND
3.6
Open
50
ICCB2
VINA = VCCA or GND
VINB = VCCB or GND
3.6
5.5
50
ICCA
VINA = VCCA or GND
VINB = VCCB or GND
3.6
5.5
80
ICCTB
VINB = VCCB − 0.6 V per input
3.6
5.0
± 0.5
500
μA
Quiescent supply current
ICCTA
VINA = 3.4 V per input
2.3 to 3.6
5.5
2.0
mA


Similar Part No. - TC74LCXR163245FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT Datasheet
332Kb / 8P
   16-BIT DUAL SUPPLY VOLTAGE INTERFACE BUS TRANSCEIVER WITH SERIES RESISTOR
More results

Similar Description - TC74LCXR163245FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT Datasheet
332Kb / 8P
   16-BIT DUAL SUPPLY VOLTAGE INTERFACE BUS TRANSCEIVER WITH SERIES RESISTOR
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com