Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX164245FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74LCX164245FT
Description  16-Bit Dual Supply Bus Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX164245FT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX164245FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX164245FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74LCX164245FT
2007-10-19
5
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
VCCB
0.5 to 7.0
Power supply voltage
(Note 2)
VCCA
0.5 to VCCB + 0.5
V
DC input voltage
(DIR,
OE )
VIN
0.5 to 7.0
V
0.5 to 7.0 (Note 3)
VI/OB
0.5 to VCCB + 0.5
(Note 4)
0.5 to 7.0 (Note 3)
DC bus I/O voltage
VI/OA
0.5 to VCCA + 0.5
(Note 4)
V
Input diode current
IIK
50
mA
Output diode current
II/OK
±50
(Note 5)
mA
IOUTB
±50
DC output current
IOUTA
±50
mA
ICCB
±100
DC VCC/ground current per supply pin
ICCA
±100
mA
Power dissipation
PD
400
mW
Storage temperature
Tstg
65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: VCCB > VCCA
Don’t supply a voltage to VCCA terminal when VCCB is in the off-state.
Note 3: OFF state
Note 4: High or low state. IOUT absolute maximum rating must be observed.
Note 5: VOUT < GND, VOUT > VCC


Similar Part No. - TC74LCX164245FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT Datasheet
158Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74LCX164245FT_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com