Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LCX373FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LCX373FT
Description  Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX373FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX373FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX373FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX373FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX373FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX373FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX373FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX373FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX373FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX373FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74LCX373F/FT/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX373F,TC74LCX373FT,TC74LCX373FK
Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
The TC74LCX373 is a high-performance CMOS octal D-type
latch. Designed for use in 3.3-V systems, it achieves high-speed
operation while maintaining the CMOS low power dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
both inputs and outputs.
This 8 bit D-type latch is controlled by a latch enable input
(LE) and an output enable input ( OE ). When the OE input is
high, the eight outputs are in a high-impedance state.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low-voltage operation: VCC = 2.0 to 3.6 V
• High-speed operation: tpd = 8.0 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Available in JEITA SOP, TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 373 type
Weight
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
TC74LCX373F
TC74LCX373FT
TC74LCX373FK


Similar Part No. - TC74LCX373FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX373FT TOSHIBA-TC74LCX373FT Datasheet
303Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX373FT TOSHIBA-TC74LCX373FT_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX373FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ573FK TOSHIBA-TC7MZ573FK_07 Datasheet
192Kb / 8P
   Low Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC7MZ373FK TOSHIBA-TC7MZ373FK_07 Datasheet
192Kb / 8P
   Low-Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com