Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6859DZ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SG6859DZ
Description  Low Cost Green-Mode PWM Controller for Flyback Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6859DZ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SG6859DZ Datasheet HTML 1Page - Fairchild Semiconductor SG6859DZ Datasheet HTML 2Page - Fairchild Semiconductor SG6859DZ Datasheet HTML 3Page - Fairchild Semiconductor SG6859DZ Datasheet HTML 4Page - Fairchild Semiconductor SG6859DZ Datasheet HTML 5Page - Fairchild Semiconductor SG6859DZ Datasheet HTML 6Page - Fairchild Semiconductor SG6859DZ Datasheet HTML 7Page - Fairchild Semiconductor SG6859DZ Datasheet HTML 8Page - Fairchild Semiconductor SG6859DZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product Specification
Low Cost Green-Mode PWM Controller for Flyback Converters
SG6859
© System General Corp.
- 5 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.2.1(IAO33.0067.B2)
September 28, 2007
Feedback Input Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ZFB
Input Impedance
5
KΩ
VFB-OPEN
FB Output High Voltage
5
V
VFB-OL
FB Open-loop Trigger Level
4.3
4.6
4.9
V
tD-OLP
The delay time of FB pin Open Loop Protection
56
ms
VFB-N
Green-Mode Entry FB Voltage
2.6
2.85
3.1
V
VFB-G
Green-Mode Ending FB Voltage
2.20
V
SG
Green-Mode Modulation Slope
RI=95KΩ
40
75
100
Hz/mV
Current Sense Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ZSENSE
Input Impedance
10
KΩ
tPD
Delay to Output
40
55
100
ns
VSTHFL
Flat Threshold Voltage for Current Limit
0.91
0.96
1.01
V
VSTHVA
Valley Threshold Voltage for Current Limit
0.75
0.80
0.85
V
tLEB
Leading-Edge Blanking Time
250
300
350
ns
DCYSAW
Duty Cycle of SAW Limit
40
%
Oscillator Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Center Frequency
65
70
75
FOSC
Normal PWM Frequency
Hopping Range
RI=95KΩ
±4.9
KHz
THOP
Hopping Period
RI=95KΩ
3.7
ms
FOSC-G
Green-Mode Frequency
RI=95KΩ
22
KHz
FDV
Frequency Variation versus VDD Deviation
VDD=13.5 to 22V
0
0.02
2
%
FDT
Frequency Variation versus Temp. Deviation
TA=-20 to 85°C
2
%
Output Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DCYMAX
Maximum Duty Cycle
70
75
80
%
VGATE-L
Output Voltage Low
VDD=15V, Io=20mA
1.5
V
VGATE-H
Output Voltage High
VDD=13.5V, Io=20mA
8
V
tr
Rising Time
VDD=15V, CL=1nF
150
ns
tf
Falling Time
VDD=15V, CL=1nF
55
ns
VGATE-CLAMP
Output Clamp Voltage
VDD=22V
16
17
18
V


Similar Part No. - SG6859DZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859ADY FAIRCHILD-SG6859ADY Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859ADZ FAIRCHILD-SG6859ADZ Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859ADZ FAIRCHILD-SG6859ADZ Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
More results

Similar Description - SG6859DZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A_10 Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com