Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F534-IT Datasheet(PDF) 11 Page - Silicon Laboratories

Part # C8051F534-IT
Description  8/4/2 kB ISP Flash MCU Family
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F534-IT Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button C8051F534-IT Datasheet HTML 7Page - Silicon Laboratories C8051F534-IT Datasheet HTML 8Page - Silicon Laboratories C8051F534-IT Datasheet HTML 9Page - Silicon Laboratories C8051F534-IT Datasheet HTML 10Page - Silicon Laboratories C8051F534-IT Datasheet HTML 11Page - Silicon Laboratories C8051F534-IT Datasheet HTML 12Page - Silicon Laboratories C8051F534-IT Datasheet HTML 13Page - Silicon Laboratories C8051F534-IT Datasheet HTML 14Page - Silicon Laboratories C8051F534-IT Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 220 page
background image
Rev. 0.3
11
C8051F52x-53x
List of Tables
1. System Overview
Table 1.1. Product Selection Guide ......................................................................... 18
Table 1.2. Operating Modes Summary .................................................................... 24
2. Absolute Maximum Ratings
Table 2.1.Absolute Maximum Ratings..................................................................... 29
3. Global DC Electrical Characteristics
Table 3.1.Global DC Electrical Characteristics........................................................ 30
4. Pinout and Package Definitions
Table 4.1. Pin Definitions for the C8051F520 (QFN 10) .......................................... 31
Table 4.2. Pin Definitions for the C8051F530 (TSSOP 20) ..................................... 33
Table 4.3. Pin Definitions for the C8051F530 (QFN 20) .......................................... 35
Table 4.4. TSSOP-20 Package Diagram Dimensions ............................................. 37
Table 4.5. QFN-20 Package Diagram Dimensions ................................................. 38
Table 4.6. QFN-10 Package Diagram Dimensions ................................................. 39
5. 12-Bit ADC (ADC0)
Table 5.1.ADC0 Electrical Characteristics (VDD = 2.6 V, VREF = 1.5 V) ................. 60
Table 5.2.ADC0 Electrical Characteristics (VDD = 2.1 V, VREF = 1.5 V) ................. 61
6. Voltage Reference
Table 6.1.Voltage Reference Electrical Characteristics .......................................... 65
7. Voltage Regulator (REG0)
Table 7.1.Voltage Regulator Electrical Specifications ............................................. 68
8. Comparator
Table 8.1.Comparator Electrical Characteristics ..................................................... 74
9. CIP-51 Microcontroller
Table 9.1. CIP-51 Instruction Set Summary ............................................................ 77
10. Memory Organization and SFRs
Table 10.1. Special Function Register (SFR) Memory Map .................................... 87
Table 10.2. Special Function Registers ................................................................... 88
11. Interrupt Handler
Table 11.1. Interrupt Summary ................................................................................ 92
12. Reset Sources
Table 12.1.Reset Electrical Characteristics........................................................... 105
13. Flash Memory
Table 13.1. Flash Security Summary .................................................................... 114
Table 13.2.Flash Electrical Characteristics ........................................................... 116
14. Port Input/Output
Table 14.1.Port I/O DC Electrical Characteristics.................................................. 132
15. Oscillators
Table 15.1.Oscillator Electrical Characteristics ..................................................... 142
Table 15.2.Oscillator Wake-Up Time from Suspend Mode ................................... 142
16. UART0
Table 16.1. Timer Settings for Standard Baud Rates
Using the Internal Oscillator ............................................................... 150


Similar Part No. - C8051F534-IT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F534-IT SILABS-C8051F534-IT Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F534-IT SILABS-C8051F534-IT Datasheet
1Mb / 221P
   8/4/2 kB ISP Flash MCU Family
More results

Similar Description - C8051F534-IT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
   8/4/2 kB ISP Flash MCU Family
C8051F52X SILABS-C8051F52X_12 Datasheet
1Mb / 221P
   8/4/2 kB ISP Flash MCU Family
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F2XX SILABS-C8051F2XX Datasheet
1Mb / 146P
   Mixed Signal 8 kB ISP Flash MCU Family
C8051F352 SILABS-C8051F352 Datasheet
2Mb / 234P
   8 k ISP Flash MCU Family
C8051F350 SILABS-C8051F350_V01 Datasheet
3Mb / 221P
   8 k ISP Flash MCU Family
Rev. 1.2
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
   8K ISP FLASH MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
   8K ISP FLASH MCU Family
Rev. 1.7
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com