Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC812 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUC812
Description  MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC812 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUC812 Datasheet HTML 5Page - Analog Devices ADUC812 Datasheet HTML 6Page - Analog Devices ADUC812 Datasheet HTML 7Page - Analog Devices ADUC812 Datasheet HTML 8Page - Analog Devices ADUC812 Datasheet HTML 9Page - Analog Devices ADUC812 Datasheet HTML 10Page - Analog Devices ADUC812 Datasheet HTML 11Page - Analog Devices ADUC812 Datasheet HTML 12Page - Analog Devices ADUC812 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
REV. E
ADuC812
–9–
ARCHITECTURE, MAIN FEATURES
The ADuC812 is a highly integrated, true 12-bit data acquisi-
tion system. At its core, the ADuC812 incorporates a high
performance 8-bit (8052 compatible) MCU with on-chip
reprogrammable nonvolatile Flash program memory control-
ling a multichannel (eight input channels) 12-bit ADC.
The chip incorporates all secondary functions to fully support
the programmable data acquisition core. These secondary
functions include User Flash Memory, Watchdog Timer
(WDT), Power Supply Monitor (PSM), and various industry-
standard parallel and serial interfaces.
EXTERNAL
PROGRAM
MEMORY
SPACE
FFFFH
2000H
1FFFH
0000H
EA = 0
EXTERNAL
PROGRAM
MEMORY
SPACE
EA = 1
INTERNAL
8K BYTE
FLASH/EE
PROGRAM
MEMORY
PROGRAM MEMORY SPACE
READ ONLY
ACCESSIBLE
BY
INDIRECT
ADDRESSING
ONLY
ACCESSIBLE
BY
DIRECT
AND
INDIRECT
ADDRESSING
SPECIAL
FUNCTION
REGISTERS
ACCESSIBLE
BY DIRECT
ADDRESSING
ONLY
640 BYTES
FLASH/EE DATA
MEMORY
ACCESSED
INDIRECTLY
VIA SFR
CONTROL REGISTERS
INTERNAL
DATA MEMORY
SPACE
FFH
80H
7FH
00H
UPPER
128
LOWER
128
FFH
80H
EXTERNAL
DATA
MEMORY
SPACE
(24-BIT
ADDRESS
SPACE)
FFFFFFH
000000H
DATA MEMORY SPACE
READ/WRITE
(PAGE 159)
(PAGE 0)
00H
9FH
Figure 1. Program and Data Memory Maps
The lower 128 bytes of internal data memory are mapped as
shown in Figure 2. The lowest 32 bytes are grouped into four
banks of eight registers addressed as R0 through R7. The next
16 bytes (128 bits) above the register banks form a block of
bit addressable memory space at bit addresses 00H through 7FH.
BIT ADDRESSABLE SPACE
(BIT ADDRESSES 0FH–7FH)
4 BANKS OF 8 REGISTERS
R0–R7
BANKS
SELECTED
VIA
BITS IN PSW
11
10
01
00
07H
0FH
17H
1FH
2FH
7FH
00H
08H
10H
18H
20H
RESET VALUE OF
STACK POINTER
Figure 2. Lower 128 Bytes of Internal RAM
MEMORY ORGANIZATION
As with all 8052 compatible devices, the ADuC812 has separate
address spaces for program and data memory as shown in Fig-
ure 1. Also as shown in Figure 1, an additional 640 bytes of
User Data Flash EEPROM are available to the user. The User
Data Flash Memory area is accessed indirectly via a group of
control registers mapped in the Special Function Register (SFR)
area in the Data Memory Space.
The SFR space is mapped in the upper 128 bytes of internal data
memory space. The SFR area is accessed by direct addressing
only and provides an interface between the CPU and all on-chip
peripherals. A block diagram showing the programming model
of the ADuC812 via the SFR area is shown in Figure 3.
128-BYTE
SPECIAL
FUNCTION
REGISTER
AREA
8K BYTE
ELECTRICALLY
REPROGRAMMABLE
NONVOLATILE
FLASH/EE PROGRAM
MEMORY
8051
COMPATIBLE
CORE
OTHER ON-CHIP
PERIPHERALS
TEMPERATURE
SENSOR
2
12-BIT DACs
SERIAL I/O
PARALLEL I/O
WDT
PSM
AUTOCALIBRATING
8-CHANNEL
HIGH SPEED
12-BIT ADC
640-BYTE
ELECTRICALLY
REPROGRAMMABLE
NONVOLATILE
FLASH/EE DATA
MEMORY
Figure 3. Programming Model


Similar Part No. - ADUC812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BS AD-ADUC812BS Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812BSZ-REEL AD-ADUC812BSZ-REEL Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
More results

Similar Description - ADUC812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARUZ AD-ADUC814ARUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com