Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SA34F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SA34F
Description  Non-Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA34F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SA34F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7SA34F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7SA34F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7SA34F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7SA34F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7SA34F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7SA34F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7SA34F_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7SA34F/FU
2007-11-01
4
DC Characteristics (Ta = −40~85°C, 1.8 V <= VCC < 2.3 V)
AC Characteristics (Ta = −40~85°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.0
7.4
2.5
± 0.2
0.8
3.7
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
2.8
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
1.8, 2.5, 3.3
4
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note11)
1.8, 2.5, 3.3
12
pF
Note11: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr.) = CPD・VCC・fIN + ICC
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
1.8~2.3
0.7
×
VCC
Input voltage
Low level
VIL
1.8~2.3
0.2
×
VCC
V
IOH = −100 μA
1.8
VCC
− 0.2
High level
VOH
VIN = VIH
IOH = −6 mA
1.8
1.4
IOL = 100 μA
1.8
0.2
Output voltage
Low level
VOL
VIN = VIL
IOL = 6 mA
1.8
0.3
V
Input leakage current
IIN
VIN = 0~3.6 V
1.8
±5.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.8
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
±20.0
μA


Similar Part No. - TC7SA34F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
More results

Similar Description - TC7SA34F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG34FU TOSHIBA-TC7SG34FU Datasheet
170Kb / 6P
   NON-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE_09 Datasheet
169Kb / 6P
   NON-Inverter
TC7SZ34F TOSHIBA-TC7SZ34F_12 Datasheet
175Kb / 7P
   Non-Inverter
TC7SG34AFS TOSHIBA-TC7SG34AFS Datasheet
175Kb / 6P
   Non-Inverter
TC7SG34FE TOSHIBA-TC7SG34FE Datasheet
165Kb / 6P
   NON-Inverter
logo
National Semiconductor ...
MM54HC34 NSC-MM54HC34 Datasheet
97Kb / 4P
   Non-Inverter
MM74HCT34 NSC-MM74HCT34 Datasheet
125Kb / 3P
   Non-Inverter
logo
Toshiba Semiconductor
TC7WH34FU TOSHIBA-TC7WH34FU Datasheet
193Kb / 6P
   TRIPLE NON-INVERTER
TC7WH34FK TOSHIBA-TC7WH34FK_09 Datasheet
199Kb / 7P
   Triple Non-Inverter
TC7W34FU TOSHIBA-TC7W34FU_07 Datasheet
197Kb / 7P
   Triple Non-Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com