Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7PB54FC Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7PB54FC
Description  Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PB54FC Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7PB54FC Datasheet HTML 1Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 2Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 3Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 4Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 5Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 6Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 7Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 8Page - Toshiba Semiconductor TC7PB54FC Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC7PB54FC/FK
2007-10-19
4
Electrical Characteristics
DC Electrical Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Unit
2.8
1.55
High-level input voltage
VIH
2.3
1.50
2.8
0.6
Low-level input voltage
VIL
2.3
0.5
V
Input leakage current (A, B)
IIN
A, B
= 0 to 3.6 V
2.0 to 3.6
±1.0
μA
Off-state leakage current
IIZ
COM, Ch
= 0 to VCC
2.0 to 3.6
±1.0
μA
Output diode current
(COM and Ch)
IIK
COM,
Ch
= VCC − 0.3 V to VCC + 0.3 V
2.0 to 3.6
100
μA
VIS = 2.7 to 3.0 V, IIS = 3 mA
(Note 1)
2.7 to 3.0
1.6
3
VIS = 2.3 V, IIS = 3 mA
2.3
2.1
5
VIS =2.7 to 3.0 V, IIS = 30 mA
(Note 2)
2.7 to 3.0
1.6
3
Switch ON resistance (Note 1)
RON
VIS = 2.3 V, IIS = 30 mA
2.3
2.1
5
Ω
IL = 5 mA
2.7
50
N-ch MOSFET ON resistance
R
IL = 4 mA
2.3
75
Ω
ICC
VIN = VCC or GND
3.6
10
μA
Increase in ICC per Input
ICCT
PER INPUT: VIN = 1.7 V
2.95
25
μA
Note 1: Measured by the voltage drop between the COM and Ch pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the two (COM or Ch) pins.
Note 2: The typical value of Ron is VCC (= 2.85 V).
AC Electrical Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
3.0
± 0.3
70
Propagation delay time
(A, B to Ch)
tpLH
tpHL
COM
= VCC (Figures 1 and 2)
2.5
± 0.2
140
ns
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control input capacitance (A, B)
CIN
(Note)
3.0
5
pF
COM-Ch I/O capacitance
CI/O
(Note)
3.0
70
pF
Note: Capacitance quoted is not tested.


Similar Part No. - TC7PB54FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
   Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
More results

Similar Description - TC7PB54FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PB53TU TOSHIBA-TC7PB53TU Datasheet
170Kb / 7P
   Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
74CBT16214DGGRE4 TI-74CBT16214DGGRE4 Datasheet
298Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214 Datasheet
78Kb / 5P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_08 Datasheet
313Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16214 TI-SN74CBT16214_07 Datasheet
283Kb / 10P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com