Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7PA53FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7PA53FU
Description  2-Channel Multiplexer/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA53FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7PA53FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7PA53FU_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC7PA53FU
2007-11-01
3
Electrical Characteristics
DC Electrical Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
VCC
× 0.75
High level
VIH
2.3 to 3.6
VCC
× 0.75
1.8
VCC
× 0.25
Input voltage
Low level
VIL
2.3 to 3.6
VCC
× 0.25
V
VIN = 0 V, IO = 24 mA
3.6
19
VIN = 1.9 V, IO = −24 mA
3.6
18
VIN = 3.6 V, IO = −24 mA
3.6
16
VIN = 0 V, IO = 24 mA
3.0
21
VIN = 3 V, IO = −24 mA
3.0
17
VIN = 0 V, IO = 18 mA
2.3
25
VIN = 2.3 V, IO = −18 mA
2.3
20
VIN = 0 V, IO = 6 mA
1.8
32
On resistance
VI/O = VCC or GND
RON
VIN = 1.8 V, IO = −6 mA
1.8
26
Ω
0
< VIN < 3.6 V, IO = 24 mA
3.6
21
0
< VIN < 3 V, IO = 24 mA
3.0
23
0
< VIN < 2.3 V, IO = 18 mA
2.3
42
On resistance
VI/O = VCC to GND
RON
0
< VIN < 1.8 V, IO = 6 mA
1.8
140
Ω
Control input leakage current
IIN
VIN = 0 to 3.6 V
3.6
±5.0
μA
Switch I/O leakage current
ISZ
VIN = 0 to 3.6 V
3.6
10.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
3.6
20.0
Increase in ICC per Input
ΔICC
VIH = 3 V
3.6
750
μA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn