Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC7PA53FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7PA53FU
Description  2-Channel Multiplexer/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7PA53FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7PA53FU
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA53FU
2-Channel Multiplexer/Demultiplexer
Features
• Ultra-low on resistance: RON = 21 Ω (max) at VCC = 3.6 V
• Operating voltage range: VCC (opr.) = 1.8 to 3.6 V
• 3.6 V Tolerant inputs.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 4.6
V
DC input voltage
VIN
−0.5 to 4.6
V
Switch I/O voltage
VS
−0.5 to VCC + 0.5
V
Control input block
−50
Clamp diode
current
Switch block
IIK
±50
mA
Switch through current
IT
100
mA
Power dissipation
PD
200
mW
DC VCC/ground current
ICC
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Weight: 0.0068 g (typ.)
Marking
Product name
E A G
Pin Assignment (top view)
Ch1
GND
Ch0
1
2
3
6
4
5
A
VCC
COMMON


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn