Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7PA04FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7PA04FU
Description  Dual Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA04FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7PA04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 7Page - Toshiba Semiconductor TC7PA04FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7PA04FU
2007-11-01
4
DC Electrical Characteristics (Ta = −40∼85°C, 1.8 V <= VCC < 2.3 V)
AC Electrical Characteristics (Ta = −40∼85°C, input tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
1.0
7.4
2.5
± 0.2
0.8
3.7
Propagation delay time
tpLH
tpHL
(Figure 1 and 2)
3.3
± 0.3
0.6
2.8
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High-Level Input Voltage
VIH
1.8~2.3
0.7
×
VCC
Low-Level Input Voltage
VIL
1.8~2.3
0.2
×
VCC
V
IOH = −100 μA
1.8
VCC
− 0.2
High-Level Output Voltage
VOH
VIN = VIL
IOH = −6 mA
1.8
1.4
IOL = 100 μA
1.8
0.2
Low-Level Output Voltage
VOL
VIN = VIH
IOL = 6 mA
1.8
0.3
V
Input Leakage Current
IIN
VIN = 0~3.6 V
1.8
±5.0
μA
Power-off Leakage Current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.8
20.0
Quiescent Supply Current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.8
±20.0
μA


Similar Part No. - TC7PA04FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU Datasheet
155Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7PA04FU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com